Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3810BM Datasheet (PDF) - TEMIC Semiconductors

U3810BM Datasheet PDF - TEMIC Semiconductors
Part # U3810BM
Download  U3810BM Download
File Size   497.51 Kbytes
Page   31 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Multi Standard Feature Phone Integrated Circuit

U3810BM Datasheet (PDF)

Go To PDF Page Download Datasheet
U3810BM Datasheet PDF - TEMIC Semiconductors

Part # U3810BM
Download  U3810BM Click to download

File Size   497.51 Kbytes
Page   31 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description Multi Standard Feature Phone Integrated Circuit

U3810BM Datasheet (HTML) - TEMIC Semiconductors


U3810BM Product details

Description
The U3810BM multi-standard feature phone circuit is designed to be used with a microcontroller using a 2-wire serial bus. It performs all speech and line interface functions required in an electronic telephone set: the ringing function with switching regulator and melody generator, the DTMF dialling, the loudhearing with antilarsen and antidistortion systems, a power supply, a clock and a reset for the microcontroller. Transmit, receive and loudhearing gains control / AGC range / DTMF frequencies, pre-emphasis and level / melody generator, and mutes are programmable through the serial bus.

Features
● Slope of DC characteristics adjustable by an external resistor
● Gain of transmit and receive amplifiers automatically adjusted by line length control
● Regulation range adjustable by the serial bus
● Possibility of fixed gain (PABX)
● Sidetone balancing system adjustable with line length or by the serial bus
● Dynamic impedance adjustable by external components
● Stabilized power supply for peripherals
● Confidence level during dialling
● +6 dB possibility on second stage transmit gain
● Transmit and receive gains adjustable by serial bus
● Extra transmit input for handsfree and answering machine purpose
● +6 dB possibility on receive gain
● Receive amplifier for dynamic or piezo-electric earpieces
● Extra receive output for handsfree purpose
● High impedance microphone inputs suitable for dynamic, magnetic, piezo-electric or electret microphone
● Distortion of line signal and sidetone prevented by dynamic range limitation in transmission (anti-clipping)
● Squelch system in transmission prevents “room noise” are being transmitted, and improves anti-larsen efficiency (can be inhibited).
● Loudhearing gain programmable in eight steps of 4 dB, using the serial bus, or linearly adjusted, using a potentiometer
● Anti-larsen system efficiency is increased when inhibiting squelch
● Loudhearing anti-distortion system by automatic gain control versus available current and voltage
● Switching regulator in ringing phase
● Input ringing detection, threshold and impedance adjustable with external resistors
● Ringing zero crossing information for external microprocessor
● Ringing programmable gain in eight steps of 4 dB using the serial bus
● Melody generator, with 30 frequencies in steps of semi tones, driven by serial bus
● Internal speed-up circuit permits a faster charge of VDD and VCC capacitor
● DTMF dialer driven by serial bus, in particular level and pre-emphasis adjustment
● Ability to transmit a confidence tone in speech mode using melody generator frequencies
● Five independent mutes driven by serial bus (two in transmission, two in reception, one for the transmit / receive loop)
● Standard low-cost ceramic 455 kHz / clock output for the microcontroller
● Extra loudhearing input for answering machines, handsfree and base station of phones cordless with loudhearing

Benefits
● Complete system integration of analog signal processing and digital control circuitry
● One IC for various PTT standards, e.g. programmable specification via μC
● Only three low-cost transducers needed (instead of four)

Applications
● Feature phones
● Answering machines
● Fax machines




Similar Part No. - U3810BM

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3800 TEMIC-U3800 Datasheet
1Mb / 31P
Multi Standard Feature Phone Integrated Circuit
U3800BM TEMIC-U3800BM Datasheet
1Mb / 31P
Multi Standard Feature Phone Integrated Circuit
logo
Texas Instruments
U3825DW TI-U3825DW Datasheet
914Kb / 17P
High Speed PWM Controller
U3825J TI-U3825J Datasheet
914Kb / 17P
High Speed PWM Controller
U3825L TI-U3825L Datasheet
914Kb / 17P
High Speed PWM Controller
More results


Similar Description - U3810BM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA3386 MOTOROLA-TCA3386 Datasheet
48Kb / 1P
Single chip feature phone IC
logo
TEMIC Semiconductors
U3800BM TEMIC-U3800BM Datasheet
1Mb / 31P
Multi Standard Feature Phone Integrated Circuit
logo
ATMEL Corporation
U209B ATMEL-U209B Datasheet
677Kb / 34P
Monolithic Integrated Feature Phone Circuit
logo
TEMIC Semiconductors
U4090B TEMIC-U4090B Datasheet
677Kb / 34P
Monolithic Integrated Feature Phone Circuit
logo
ATMEL Corporation
U4089B-P ATMEL-U4089B-P Datasheet
552Kb / 26P
Monolithic Integrated Feature Phone Circuit
logo
TEMIC Semiconductors
U4092B TEMIC-U4092B Datasheet
652Kb / 32P
Monolithic Integrated Feature Phone Circuit
logo
Zarlink Semiconductor I...
MT9196 ZARLINK-MT9196 Datasheet
635Kb / 46P
Integrated Digital Phone Circuit (IDPC)
logo
ATMEL Corporation
U4089B-P ATMEL-U4089B-P_05 Datasheet
650Kb / 26P
Monolithic Integrated Feature Phone Circuit
U4090B-P ATMEL-U4090B-P Datasheet
615Kb / 35P
Monolithic Integrated Feature Phone Circuit EMI Improved
logo
Estek Electronics Co. L...
ET-34018 ESTEK-ET-34018 Datasheet
631Kb / 4P
LINEAR INTEGRATED CIRCUIT VOICE SWITCHED SPEAKER-PHONE CIRCUIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com