Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3810BM Datasheet(PDF) 8 Page - TEMIC Semiconductors

Part # U3810BM
Description  Multi Standard Feature Phone Integrated Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3810BM Datasheet(HTML) 8 Page - TEMIC Semiconductors

Back Button U3810BM Datasheet HTML 4Page - TEMIC Semiconductors U3810BM Datasheet HTML 5Page - TEMIC Semiconductors U3810BM Datasheet HTML 6Page - TEMIC Semiconductors U3810BM Datasheet HTML 7Page - TEMIC Semiconductors U3810BM Datasheet HTML 8Page - TEMIC Semiconductors U3810BM Datasheet HTML 9Page - TEMIC Semiconductors U3810BM Datasheet HTML 10Page - TEMIC Semiconductors U3810BM Datasheet HTML 11Page - TEMIC Semiconductors U3810BM Datasheet HTML 12Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TELEFUNKEN Semiconductors
U3810BM
Rev. A1: 19.01.1996
8 (31)
Pin description
Pin
Symbol
Function
16
GND
Ground.
17
RREF
External reference resistor. Connection for external reference resistor to generate the
reference current. All basic currents of the circuit which must satisfy certain absolute
accuracy requirements depend on this current.
18
CEI
Capacitor for electronic inductance. Connection for capacitor of the electronic coil.
The circuit contains a first order RC-active low-pass filter. The capacitor is connected
externally between CEI and VL.
19
RDC
DC characteristic slope adjustment. A voltage across resistor RDC is proportional to
the dc line voltage. This means the current flow through RDC is also proportional to
the line voltage. This current drives the supply currents drawn from VL by the most
important loads, and therefore defines the total current consumption of the circuit.
Adjustment to the slope characteristic is realized by modification of RDC resistance.
20
AGA
Line length adjustment. Reference voltage level for AGA. The potential at this point
defines the start threshold for the AGA and the automatic balancing in the receive part
(both can be switched off by the serial bus). The potential is normally formed between
VCC and ground using a voltage divider. When the line voltage exceeds the threshold
level, the AGA or balancing becomes effective.
21
MICX
Asymmetrical microphone input for special applications. The input of the first stage of
the transmit amplifier, selected by the serial bus. Anticlipping is not effective at this
input.
22
MIC1
Inverting input of microphone amplifier.
23
MIC2
Noninverting input of microphone amplifier.
24
ZAC
AC impedance adjustment. Adjustment of the ac circuit impedance to the line by
changing of RZAC.
25
TO
Transmit amplifier output. Transmit amplifier output modulates the current flowing
into this output (typically 4.8 mA).
26
MICO
Microphone amplifier output. Output MICO; open-circuit potential = 2*Vbe
27
TIN
Transmit and DTMF input. Input of the second transmit stage.
28
TACL
Adjustment of anticlipping time constant with external RC combination. Anticlipping
controls the transmitter input level to prevent clipping with high signal levels. The
dynamic range of the transmit peak limiter is controlled by an internal circuit.
29
RECO2
Symmetrical output of receive amplifier.
30
RECO1
Symmetrical output of receive amplifier.
31
RECOX
Receive amplifier output for handsfree and answering machine applications.
32
STL
Long line sidetone network.
33
RECI
Receive amplifier input. It is driven by a signal from VL.
34
STS
Short line sidetone network.
35
MF
Multifrequency output. Output DTMF signal and confidence tone in pulse–density
modulated form. DTMF signal and confidence tone are generated by special generators
in the digital part of the circuit. The DTMF signal consists of two weighted and
superimposed pulse-density modulated signals, while in the case of confidence tone, a
pulse–density modulated signal is superimposed on a high frequency rectangular–pulse
signal with pulse duty factor 0.5. The superimposed signals are sent out to MF for
further processing.
36
D
Data input of serial bus (see Pin 37). Serial data input from microprocessor for
programming the circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com