Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3810BM Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # U3810BM
Description  Multi Standard Feature Phone Integrated Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3810BM Datasheet(HTML) 6 Page - TEMIC Semiconductors

Back Button U3810BM Datasheet HTML 2Page - TEMIC Semiconductors U3810BM Datasheet HTML 3Page - TEMIC Semiconductors U3810BM Datasheet HTML 4Page - TEMIC Semiconductors U3810BM Datasheet HTML 5Page - TEMIC Semiconductors U3810BM Datasheet HTML 6Page - TEMIC Semiconductors U3810BM Datasheet HTML 7Page - TEMIC Semiconductors U3810BM Datasheet HTML 8Page - TEMIC Semiconductors U3810BM Datasheet HTML 9Page - TEMIC Semiconductors U3810BM Datasheet HTML 10Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TELEFUNKEN Semiconductors
U3810BM
Rev. A1: 19.01.1996
6 (31)
Typical value of external components
Components
Min.
Typ.
Max.
RIN
0.3 M
W
1.0 M
W
1.5 M
W
CSC
0.1
mF
TSC
2N5401A
LSC
1 mH
DSC
SD103A
RAD
100 k
W
CAD
470 nF
CAL
470 nF
RAL
68 k
W
82 k
W
CVDD
470
mF
RSAI
20 k
W
CSAI
0.1
mF
CVSA
220
mF
CSO
47
mF
CVCC
100
mF
RAGA1
100 k
W
RAGA2
51 k
W
CEI
0.47
mF
RDC
20 k
W
RTO
62
W
(CTO
0.33
mF)
CZAC1
0.47
mF
RZAC
12 k
W
Components
Min.
Typ.
Max.
(CZAC2
470 pF)
RDTMF1
240 k
W
RDMTF2
330 k
W
CDTMF1
4.7 nF
CDTMF2
220 pF
CACL
0.47
mF
RACL
6.8 M
W
CEAR
4.7
mF
Earphone
1 kW
Loudspeaker
100 W
RSTL1
6.2 k
W
(CSTL1
330 pF)
RSTS1
6.2 k
W
(CSTS1
330 pF)
RSTL2
43 k
W
RSTS2
18 k
W
RSTL3
100 k
W
RSTS3
75 k
W
CSTL3
10 nF
CSTS3
10 nF
CSTS2
470 pF
CSTL2
1.2 nF
X1
CSB455E
(Murata)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com