Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3810BM Datasheet(PDF) 21 Page - TEMIC Semiconductors

Part # U3810BM
Description  Multi Standard Feature Phone Integrated Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3810BM Datasheet(HTML) 21 Page - TEMIC Semiconductors

Back Button U3810BM Datasheet HTML 17Page - TEMIC Semiconductors U3810BM Datasheet HTML 18Page - TEMIC Semiconductors U3810BM Datasheet HTML 19Page - TEMIC Semiconductors U3810BM Datasheet HTML 20Page - TEMIC Semiconductors U3810BM Datasheet HTML 21Page - TEMIC Semiconductors U3810BM Datasheet HTML 22Page - TEMIC Semiconductors U3810BM Datasheet HTML 23Page - TEMIC Semiconductors U3810BM Datasheet HTML 24Page - TEMIC Semiconductors U3810BM Datasheet HTML 25Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
TELEFUNKEN Semiconductors
U3810BM
Rev. A1: 19.01.1996
21 (31)
Parameters
Test conditions
Min.
Typ.
Max.
Unit
Fig.
Ringer
THA threshold voltage
THTV
VS = 5 V
S5 on 1
8.30
8.75
9.20
V
10
THA hysteresis
DTH
VS = 5 V
S5 on 1
435
465
495
mV
10
VSA threshold voltage
VSAON (ring detector en-
abled)
VTHA = 12 V
S5 on 1
3.0
3.2
3.4
V
10
VSA threshold voltage
VSAOFF (ring detector dis-
abled)
VTHA = 12 V
S5 on 1
2.45
2.5
2.65
V
10
Switching supply output
current
VS = 5 V
VIN = 30 V
S7 on 1
S5 on 1
RIN = 300 k
W
33
37
mA
10
Input impedance VIN/IIN
S5 on 1
VS = 5 V S7 on 1
Off state VIN = 5 V
RIN = 300 k
W
On state VIN = 30 V
RIN = 300 k
W
On state VIN = 30 V
RIN = 1500 k
W
50.0
2.78
13.4
2.90
14.1
3.05
15.0
k
W
k
W
k
W
10
RPI
ringing power information
RIN = 300 k
W
S7 on 2
S5 on 2
VIN = 30 V
VESI = 0 V
S5 on 1
VIN = 0 V
VESI = 5 V
1.48
1.57
1.55
1.61
1.64
1.64
V
V
10
VSA/VDD switch off VSA-
OFF1
(measured on VSA)
S8 closed
S5 on 1
IVDD = – 1 mA
5.55
5.8
6.0
V
10
VSA shunt regulator
VSAL
VSAH
S5 on 3
ISA = 2 mA
ISA = 45 mA
4.75
5.0
5.0
5.3
5.15
5.7
V
V
10
Difference between
max. VSA voltage and
cut off voltage
VSADIFF = VSAOFF1 – VSAH
250
500
mV
10
ZCO
Zero crossing information
VS = 5 V
S5 on 1
S6 closed
IZCO = 100
mA
VTHA = 7.5 V
IZCO = –100
mA
VTHA = 12.0 V
4.4
0.5
V
V
10
Ringer output power
(on 100
W load)
VIN = 30 V
RIN = 300 k
W
S7 on 2
S5 on 2
SIN1 SIN0
LIS
EA
0111
NEA – maximum gain
70
105
130
mW
10
Extra ringing attenuation
VIN = 30 V
RIN = 300 k
W
S7 on 2
S5 on 2
SIN1
SIN0
LIS
AMF
EA
01111
NEA – maximum gain
– 12.8
– 12.2
– 11.6
dB
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com