Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3810BM Datasheet(PDF) 28 Page - TEMIC Semiconductors

Part # U3810BM
Description  Multi Standard Feature Phone Integrated Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3810BM Datasheet(HTML) 28 Page - TEMIC Semiconductors

Back Button U3810BM Datasheet HTML 23Page - TEMIC Semiconductors U3810BM Datasheet HTML 24Page - TEMIC Semiconductors U3810BM Datasheet HTML 25Page - TEMIC Semiconductors U3810BM Datasheet HTML 26Page - TEMIC Semiconductors U3810BM Datasheet HTML 27Page - TEMIC Semiconductors U3810BM Datasheet HTML 28Page - TEMIC Semiconductors U3810BM Datasheet HTML 29Page - TEMIC Semiconductors U3810BM Datasheet HTML 30Page - TEMIC Semiconductors U3810BM Datasheet HTML 31Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
TELEFUNKEN Semiconductors
U3810BM
Rev. A1: 19.01.1996
28 (31)
2: Loudhearing mode
IAL
EA
NEA2
NEA1
NEA0
IAL:
Antilarsen inhibition
EA:
Loudhearing enable
NEA:
Loudhearing gain adjustment
3: AGC mode
IAGC
AR1
AR0
AT1
AT0
IAGC: AGC inhibition
AT:
Transmission AGC adjustment
AR:
Reception AGC adjustment
4: Sidetone mode
IE2
IBAL
BAL2
BAL1
BAL0
IE2:
Reception output amplifier current
adjustment
IBAL:
Inhibition of automatic sidetone
balance
BAL
Z
0
1
2
3
4
5
6
7
1
STS
5/6 STS + 1/6 STL
2/3 STS + 1/3 STL
1/2 STS + 1/2 STL
1/2 STS + 1/2 STL
1/3 STS + 2/3 STL
1/6 STS + 5/6 STL
1
STL
5: Internal inhibitions
IR
EC
IT
IM
IE1
IR:
Reception inhibition
EC:
Confidence enable
IT:
Transmit inhibition
IM:
Microphone inhibition
IE1:
Reception output amplifier current
adjustment
IE1
IE2
IREC
0
0
1
1
0
1
0
1
3 mA
2 mA
1 mA
0 mA
Earpiece inhibition
6: Melody / DTMF choice
M4
M3
M2
M1
M0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com