Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3810BM Datasheet(PDF) 23 Page - TEMIC Semiconductors

Part # U3810BM
Description  Multi Standard Feature Phone Integrated Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3810BM Datasheet(HTML) 23 Page - TEMIC Semiconductors

Back Button U3810BM Datasheet HTML 19Page - TEMIC Semiconductors U3810BM Datasheet HTML 20Page - TEMIC Semiconductors U3810BM Datasheet HTML 21Page - TEMIC Semiconductors U3810BM Datasheet HTML 22Page - TEMIC Semiconductors U3810BM Datasheet HTML 23Page - TEMIC Semiconductors U3810BM Datasheet HTML 24Page - TEMIC Semiconductors U3810BM Datasheet HTML 25Page - TEMIC Semiconductors U3810BM Datasheet HTML 26Page - TEMIC Semiconductors U3810BM Datasheet HTML 27Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
TELEFUNKEN Semiconductors
U3810BM
Rev. A1: 19.01.1996
23 (31)
Electrical characteristics of logical part
fxck = 455 kHz
VDD = 3.5 V
Parameter
Min.
Typ.
Max.
Unit
INPUTS : C, D
Low-voltage input Vil
High-voltage input Vih
Input leakage current Ii
(0 < VI < VDD)
2.8
–1
0.7
1
V
V
mA
Output: RESET, CO, LVIO
Low-voltage output (Iol = 100
mA) Vol
High-voltage output (Ioh = – 100
mA) Voh
3.1
0.35
V
V
CLOCK: CO (fig. 15)
Using reference ceramic resonator
period:
tcyc
High pulse width:
twch
2.19
1.10
2.20
2.21
1.45
ms
ms
SERIAL BUS (figure 19)
Data set–up time
tsud
Data hold time
thd
Clock low time
tcl
Clock high time
tch
Hold time before transfer condition
teon
Data low pulse on transfer condition
teh
Data high pulse on transfer condition
teoff
0.1
0
2
2
0.1
0.2
0.2
ms
ms
ms
ms
ms
ms
ms
RESET TIMING (figure 11, 12 and 13)
Clock start-up time
ton
Clock inhibition time
toff
Reset time (without ton)tr
70
30
3
31.6
5
150
32
ms
ms
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com