Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3810BM Datasheet(PDF) 12 Page - TEMIC Semiconductors

Part # U3810BM
Description  Multi Standard Feature Phone Integrated Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3810BM Datasheet(HTML) 12 Page - TEMIC Semiconductors

Back Button U3810BM Datasheet HTML 8Page - TEMIC Semiconductors U3810BM Datasheet HTML 9Page - TEMIC Semiconductors U3810BM Datasheet HTML 10Page - TEMIC Semiconductors U3810BM Datasheet HTML 11Page - TEMIC Semiconductors U3810BM Datasheet HTML 12Page - TEMIC Semiconductors U3810BM Datasheet HTML 13Page - TEMIC Semiconductors U3810BM Datasheet HTML 14Page - TEMIC Semiconductors U3810BM Datasheet HTML 15Page - TEMIC Semiconductors U3810BM Datasheet HTML 16Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
TELEFUNKEN Semiconductors
U3810BM
Rev. A1: 19.01.1996
12 (31)
Parameters
Test conditions
Min.
Typ.
Max.
Unit
Fig.
Delta output voltage swing
TX2
TX1
TX0
0
0
0
IL = 60 mA
AT1 = AT0 = 1
VMIC = 22 mVrms + 10 dB
–200
0
200
mVpp
6
Line distortion
(on 600
W)
TX6 TX2 TX1 TX0
00
00 VMIC = 9 mVrms
VMIC =9 mVrms+26 dB
11
11 VMIC =2 mVrms
VMIC =2mVrms+26 dB
IL = 60 mA
AT0 = AT1 = 1
00
00 VMIC = 22 mVrms
VMIC=22mVrms+24dB
2
3
2
3.5
3
3
%
%
%
%
%
%
6
Squelch function
CAL = 470 nF, RAL = 68 k
W
Dynamic range attenuation
(note 2)
IL = 28 mA and 60 mA
8.3
9.3
10.3
dB
6
Squelch inhibition
(tested on GT)
DGT = GT1(ISQ = 1) – GT2(ISQ = 0)
GT1 (VMIC = 160
mVrms),
GT2 (VMIC = 3 mVrms)
At maximum gain
–0.3
0
0.3
dB
6
VZ=17V
U3810M
40
1
10
11
12
13
14
15
16
17
18
19
2
20
21
22
23
24
25
26
27
28
3
30
31
32
33
34
35
36
37
38
39
441
42
43
44
5
6
7
8
9
29
Il
IDC
470uF
68k
VMIC
47uF
VL
60k
60k
V
AC
serial bus
455kHz
470nF
4.7uF
1k
61.9k
0.1uF
6.8 M
470nF
62
330k
240k
470nF
TACL
RECO2
RECO1
RECOX
STL
RESET
C
D
MF
STS
RECI
CEI
RREF
SO2
SO1
SAIX
SAI
VL
TAL
TAD
GND
VSA
VCC
VDD
CO
LVIO
94 9332
Figure 6 Test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com