Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3810BM Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # U3810BM
Description  Multi Standard Feature Phone Integrated Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3810BM Datasheet(HTML) 2 Page - TEMIC Semiconductors

  U3810BM Datasheet HTML 1Page - TEMIC Semiconductors U3810BM Datasheet HTML 2Page - TEMIC Semiconductors U3810BM Datasheet HTML 3Page - TEMIC Semiconductors U3810BM Datasheet HTML 4Page - TEMIC Semiconductors U3810BM Datasheet HTML 5Page - TEMIC Semiconductors U3810BM Datasheet HTML 6Page - TEMIC Semiconductors U3810BM Datasheet HTML 7Page - TEMIC Semiconductors U3810BM Datasheet HTML 8Page - TEMIC Semiconductors U3810BM Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
TELEFUNKEN Semiconductors
U3810BM
Rev. A1: 19.01.1996
2 (31)
Features
D Slope of DC characteristics adjustable by an external
resistor
D Gain of transmit and receive amplifiers automatically
adjusted by line length control
D Regulation range adjustable by the serial bus
D Possibility of fixed gain (PABX)
D Sidetone balancing system adjustable with line length
or by the serial bus
D Dynamic
impedance
adjustable
by
external
components
D Stabilized power supply for peripherals
D Confidence level during dialling
D +6 dB possibility on second stage transmit gain
D Transmit and receive gains adjustable by serial bus
D Extra transmit input for handsfree and answering
machine purpose
D +6 dB possibility on receive gain
D Receive amplifier for dynamic or piezo-electric
earpieces
D Extra receive output for handsfree purpose
D High impedance microphone inputs suitable for
dynamic,
magnetic,
piezo-electric
or
electret
microphone
D Distortion of line signal and sidetone prevented by
dynamic
range
limitation
in
transmission
(anti-clipping)
D Squelch system in transmission prevents “room noise”
are being transmitted, and improves anti-larsen
efficiency (can be inhibited).
D Loudhearing gain programmable in eight steps of 4 dB,
using the serial bus, or linearly adjusted, using a
potentiometer
D Anti-larsen system efficiency is increased when
inhibiting squelch
D Loudhearing anti-distortion system by automatic gain
control versus available current and voltage
D Switching regulator in ringing phase
D Input ringing detection, threshold and impedance
adjustable with external resistors
D Ringing zero crossing information for external
microprocessor
D Ringing programmable gain in eight steps of 4 dB using
the serial bus
D Melody generator, with 30 frequencies in steps of semi
tones, driven by serial bus
D Internal speed-up circuit permits a faster charge of
VDD and VCC capacitor
D DTMF dialer driven by serial bus, in particular level
and pre-emphasis adjustment
D Ability to transmit a confidence tone in speech mode
using melody generator frequencies
D Five independent mutes driven by serial bus (two in
transmission, two in reception, one for the transmit /
receive loop)
D Standard low-cost ceramic 455 kHz / clock output for
the microcontroller
D Extra loudhearing input for answering machines,
handsfree and base station of phones cordless with
loudhearing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com