Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3810BM Datasheet(PDF) 19 Page - TEMIC Semiconductors

Part # U3810BM
Description  Multi Standard Feature Phone Integrated Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3810BM Datasheet(HTML) 19 Page - TEMIC Semiconductors

Back Button U3810BM Datasheet HTML 15Page - TEMIC Semiconductors U3810BM Datasheet HTML 16Page - TEMIC Semiconductors U3810BM Datasheet HTML 17Page - TEMIC Semiconductors U3810BM Datasheet HTML 18Page - TEMIC Semiconductors U3810BM Datasheet HTML 19Page - TEMIC Semiconductors U3810BM Datasheet HTML 20Page - TEMIC Semiconductors U3810BM Datasheet HTML 21Page - TEMIC Semiconductors U3810BM Datasheet HTML 22Page - TEMIC Semiconductors U3810BM Datasheet HTML 23Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
TELEFUNKEN Semiconductors
U3810BM
Rev. A1: 19.01.1996
19 (31)
Parameters
Test conditions
Min.
Typ.
Max.
Unit
Fig.
Pre-emphasis A
with attenuation
Note 7
PR1A
S3 closed
2.04
2.54
3.04
dB
9
Pre-emphasis B
with attenuation
Note 7
PR1B
S3 closed
3.02
3.52
4.02
dB
9
Leakage
S4 = 2
Bits
SIN1
SIN0
S3 closed
0
0
– 100
100
nA
9
Distortion at line
IL = 28 mA
M = 8 Key = «3»
TX6 = 1
IM = 1
1
3
%
6
Low group tone level
at line
IL = 28 mA and 60 mA
M = 8 Key = «3»
TX6 = 1
IM = 1
–10
–8
–6
dBm
6
Melody generation
Tone frequency accuracy
see table 2
Confidence tone level
Note: 7
CTL
2.10
2.33
2.60
V
9
U3810BM
S4
VTM
3.5V
455 kHz
S3
1.4V
40
1
10
11
12
13
14
15
16
17
18
19
2
20
21
22
23
24
25
26
27
28
3
30
31
32
33
34
35
36
37
38
39
441
42
43
44
5
6
7
8
9
29
TACL
RECO2
RECO1
RECOX
STL
RESET
C
D
MF
STS
RECI
CEI
RREF
SO2
SO1
SAIX
SAI
VL
TAL
TAD
GND
VSA
VCC
VDD
CO
LVIO
serial bus
3
0
1
2
A
+
A +
94 9335
Figure 9 Test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com