Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3810BM Datasheet(PDF) 17 Page - TEMIC Semiconductors

Part # U3810BM
Description  Multi Standard Feature Phone Integrated Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3810BM Datasheet(HTML) 17 Page - TEMIC Semiconductors

Back Button U3810BM Datasheet HTML 13Page - TEMIC Semiconductors U3810BM Datasheet HTML 14Page - TEMIC Semiconductors U3810BM Datasheet HTML 15Page - TEMIC Semiconductors U3810BM Datasheet HTML 16Page - TEMIC Semiconductors U3810BM Datasheet HTML 17Page - TEMIC Semiconductors U3810BM Datasheet HTML 18Page - TEMIC Semiconductors U3810BM Datasheet HTML 19Page - TEMIC Semiconductors U3810BM Datasheet HTML 20Page - TEMIC Semiconductors U3810BM Datasheet HTML 21Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
TELEFUNKEN Semiconductors
U3810BM
Rev. A1: 19.01.1996
17 (31)
Table 1: Frequency tolerance of the output tones for DTMF signalling tone output frequency when using 455 kHz
Standard frequency
Hz
Tone output
frequency
Frequency deviation
Hz
frequency
Hz
%
Hz
Low Group
697
770
852
941
High Group
1209
1336
1477
1633
697.85
771.18
852.06
940.08
1210.1
1338.2
1477.3
1636.7
0.12
0.15
0.01
– 0.10
0.09
0.17
0.02
0.22
+ 0.85
+ 1.18
+ 0.06
– 0.92
+ 1.1
+ 2.2
+ 0.3
+ 3.7
Note: Frequency can be directly measured on CO when S3 is closed (figure 9)
AMF
SIN0
SIN1
CO
1
1
1
DTMF : HF
0
1
1
DTMF : LF
0
1
0
MELODY
0
0
1
CONFIDENCE TONE
1209
1336
1477
1633
697
1
2
3
A
770
4
5
6
B
852
7
8
9
C
941
*
0
#
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com