Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3810BM Datasheet(PDF) 22 Page - TEMIC Semiconductors

Part # U3810BM
Description  Multi Standard Feature Phone Integrated Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3810BM Datasheet(HTML) 22 Page - TEMIC Semiconductors

Back Button U3810BM Datasheet HTML 18Page - TEMIC Semiconductors U3810BM Datasheet HTML 19Page - TEMIC Semiconductors U3810BM Datasheet HTML 20Page - TEMIC Semiconductors U3810BM Datasheet HTML 21Page - TEMIC Semiconductors U3810BM Datasheet HTML 22Page - TEMIC Semiconductors U3810BM Datasheet HTML 23Page - TEMIC Semiconductors U3810BM Datasheet HTML 24Page - TEMIC Semiconductors U3810BM Datasheet HTML 25Page - TEMIC Semiconductors U3810BM Datasheet HTML 26Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
TELEFUNKEN Semiconductors
U3810BM
Rev. A1: 19.01.1996
22 (31)
S5
S7
5V
S8
S6
U3810BM
SD103A
2N5401A
VS
ISA
40
1
10
11
12
13
14
15
16
17
18
19
2
20
21
22
23
24
25
26
27
28
3
30
31
32
33
34
35
36
37
38
39
441
42
43
44
5
6
7
8
9
29
IVDD
1mH
3
2
1
470nF
100k
220uF
2
1
serial bus
TACL
RECO2
RECO1
RECOX
STL
RESET
C
D
MF
STS
RECI
CEI
RREF
SO2
SO1
SAI
SAI
VL
TAL
TAD
GND
VSA
VCC
VDD
CO
LVIO
A +
455kHz
470uF
47uF
100
VSO
0.1uF
VESI
VTHA
VIN
IZC
94 9336
Figure 10 Test circuit
937608



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com