Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3810BM Datasheet(PDF) 26 Page - TEMIC Semiconductors

Part # U3810BM
Description  Multi Standard Feature Phone Integrated Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3810BM Datasheet(HTML) 26 Page - TEMIC Semiconductors

Back Button U3810BM Datasheet HTML 22Page - TEMIC Semiconductors U3810BM Datasheet HTML 23Page - TEMIC Semiconductors U3810BM Datasheet HTML 24Page - TEMIC Semiconductors U3810BM Datasheet HTML 25Page - TEMIC Semiconductors U3810BM Datasheet HTML 26Page - TEMIC Semiconductors U3810BM Datasheet HTML 27Page - TEMIC Semiconductors U3810BM Datasheet HTML 28Page - TEMIC Semiconductors U3810BM Datasheet HTML 29Page - TEMIC Semiconductors U3810BM Datasheet HTML 30Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
TELEFUNKEN Semiconductors
U3810BM
Rev. A1: 19.01.1996
26 (31)
CLOCK OUTPUT <CO>
CO
94 7896 e
Figure 15
Serisl bus
The circuit is remoted by an external microcontroller
through the serial bus:
The data is an 8-bit word:
B7 – B6 – B5: address of the destination register (0 to 7)
B4 – B0: contents of register
The data line must be stable when the clock is high and data
must be serially shifted.
After 8 clock periods, the transfer to the destination register
is (internally) generated by a low to high transition of the
data line when the clock is high.
DATA
CLOCK
D
C
mP
937613
Figure 16
937614
Figure 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com