Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3810BM Datasheet(PDF) 11 Page - TEMIC Semiconductors

Part # U3810BM
Description  Multi Standard Feature Phone Integrated Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3810BM Datasheet(HTML) 11 Page - TEMIC Semiconductors

Back Button U3810BM Datasheet HTML 7Page - TEMIC Semiconductors U3810BM Datasheet HTML 8Page - TEMIC Semiconductors U3810BM Datasheet HTML 9Page - TEMIC Semiconductors U3810BM Datasheet HTML 10Page - TEMIC Semiconductors U3810BM Datasheet HTML 11Page - TEMIC Semiconductors U3810BM Datasheet HTML 12Page - TEMIC Semiconductors U3810BM Datasheet HTML 13Page - TEMIC Semiconductors U3810BM Datasheet HTML 14Page - TEMIC Semiconductors U3810BM Datasheet HTML 15Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TELEFUNKEN Semiconductors
U3810BM
Rev. A1: 19.01.1996
11 (31)
Parameters
Test conditions
Min.
Typ.
Max.
Unit
Fig.
Transmission
Transmit gain (note 1)
on MIC1 / MIC2
on MICX
VMIC = 3 mVrms
MIS
TX2
TX1
TX0
max. gain
0
1
1
1
min. gain
0
0
0
0
VMICX = 5 mVrms
MIS
TX2
TX1
TX0
max.gain
1
1
1
1
min. gain
1
0
0
0
47.0
39.8
43.0
35.8
48.0
41.0
44.0
37.0
49.0
42.2
45.0
38.2
dB
dB
dB
dB
6
Gain adjustment of micro-
phone amplifier
Gain change between two steps (both on
MIC1/MIC2 and on MICX)
0.8
1.0
1.2
dB
6
Transmit gain without AGC
GT at 28 mA
DGT at IL = 20 to 28 mA
DGT at IL = 28 to 60 mA
VMIC = 3 mVrms, Bit AGC=1
TX2
TX1
TX0
01
1
01
1
01
1
42.6
–0.5
–0.5
44.0
0.0
0.0
45.5
0.5
0.5
dB
6
Gain change between
28 and 60 mA
on MIC1 / MIC2
on MICX
VMIC = 3mVrms:
AT1
AT0
(MIS = 0)
0
0
01
or VMICX = 5 mVrms
10
(MIS = 1)
1
1
3.6
4.9
6.3
7.7
4.1
5.35
6.9
8.2
4.6
5.9
7.4
8.7
dB
6
+ 6 dB delta transmit gain
IL = 28 mA and 60 mA
VMIC = 1.5 mVrms , Bit TX6 = 1
5.4
6.0
6.6
dB
6
Noise at line
psophometrically weighted
GT = max. gain
VMIC = 0 (MIS = 0) ISQ = 0
VMIC = 0 (MIS = 0) ISQ = 1
VMICX = 0 (MIS = 1) ISQ = 1
–79
–73
–75
–70
–64
dBmp
6
*Max. gain is without + 6 dB function which is especially devoted for DTMF
Muted gain
on MIC1 / MIC2
on MICX
VMIC = 3 mVrms (MIS = 0) or
VMIC = 5 mVrms (MIS = 1)
(at max. and min. gain)
Bit IM = 1
Bit IT = 1
VMIC = 3 mVrms (MIS = 1) or
VMIC = 5 mVrms (MIS = 0)
65
65
60
60
dB
dB
dB
dB
6
Microphone input
impedance
on MIC1/MIC 2
on MICX
VMIC = 3 mVrms (MIS = 0)
VMICX = 5 mVrms (MIS = 1)
70
35
110
55
k
W
k
W
6
CMRR common mode
rejection ratio
GT = at maximum gain
65
dB
6
Voltage step on pin 26
when going from transmis-
sion to mute mode
Bit IM from 0 to 1
IL =28 mA and 60 mA
VMIC = 0 (MIS = 0) or
VMICX = 0 (MIS = 1)
At maximum gain
–75
+75
mV
6
Dynamic limiter (anti-clipping) CACL = 470 nF, RACL = 6.8 M
W operational only on MIC1/MIC2
Output voltage swing
(peak to peak value)
TX2
TX1
TX0
111
VMIC = 4 mVrms + 10 dB
3.3
4.4
Vpp
6
Delta output voltage swing
TX2
TX1
TX0
000
VMIC = 9 mVrms +10 dB
–200
0
200
mVpp
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com