Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3810BM Datasheet(PDF) 7 Page - TEMIC Semiconductors

Part # U3810BM
Description  Multi Standard Feature Phone Integrated Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3810BM Datasheet(HTML) 7 Page - TEMIC Semiconductors

Back Button U3810BM Datasheet HTML 3Page - TEMIC Semiconductors U3810BM Datasheet HTML 4Page - TEMIC Semiconductors U3810BM Datasheet HTML 5Page - TEMIC Semiconductors U3810BM Datasheet HTML 6Page - TEMIC Semiconductors U3810BM Datasheet HTML 7Page - TEMIC Semiconductors U3810BM Datasheet HTML 8Page - TEMIC Semiconductors U3810BM Datasheet HTML 9Page - TEMIC Semiconductors U3810BM Datasheet HTML 10Page - TEMIC Semiconductors U3810BM Datasheet HTML 11Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TELEFUNKEN Semiconductors
U3810BM
Rev. A1: 19.01.1996
7 (31)
Pin description
Pin
Symbol
Function
1
RPI
Ringing power information. The RC combination smooths the drive current of the
loudspeaker amplifier.
2
VRI
Tone-ringer supply voltage. The rectified ringing voltage is delivered to VRI and then
converted into the lower supply voltage, VSA, by the converter.
3
IMPA
External adjustment of input ringing impedance. IMPA is adjusted with a resistance
between pin 2 and 3.
ZIN = RIN/100
4
COS
Control output switching supply. COS drives the base of the external switching transis-
tor of the converter.
5
IOS
Current output of switching supply. This output provides a constant current, which
supplies the external part of converter. The magnitude of the current depends on the
VRI voltage and the value of resistance RIN.
6
TAD
Adjustment of antidistortion time constant in loudhearing with external RC
combination.
7
TAL
Adjustment of antilarsen time constant in loudhearing with external RC combination.
8
VDD
External logic supply.
9
VCC
Power supply for peripherals. VCC and VDD are stabilized supply voltages buffered
with external capacitors. They are derived internally from the same voltage source, but
are separated from each other by electronic switches. VDD also supplies the digital
part of the circuit and is achieved in all three modes: speech mode, ringing mode and
operation with external supply. According to the application, peripherial modules are
connected to VDD which, in addition to speech mode, must be supplied at least in one
of the two other modes. The digital part of circuit and microprocessor must continue
operating during line breaks, as they occur during pulse dialing or during flash-signal
transmission. Since VDD in this time intervals is fed only from the buffer capacity, the
power consumption from VDD must not cause the total voltage dump. VCC supplies
no internal parts of circuit and is supplied exclusively in speech mode. External
components, which must operate only in this mode, can be connected here. The power
is drawn only from the relevant buffer capacitor in the supply intervals during pulse
dialing or flash-signal transmission.
10
VL
Line voltage.
11
SAI
Speaker amplifier input. The signal coming from the receive part, e.g. from REC01 or
RECO2, is fed in here.
12
SAIX
Speaker amplifier input for special application i.e. answering machine. SAIX is
selected via the serial bus. SAIX has to be selected for ringing. IF ringing, Antidistor-
tion and Antilarsen are disabled.
13
VSA
Supply voltage for the loudhearing amplifier. Stabilized supply voltage buffered with
an external capacitor for the loudhearing amplifier and zero crossing detector; aditional
connection point for an external supply. In speech mode, VSA is supplied by the
analog part of the circuit. In this case, the stabilization point is adjusted to the DC line
voltage VSA= VL/1.5. In ringing mode, and VSA is supplied directly from the con-
verter. The stabilization point is permanently set. The logic supply, VDD, is fed by a
switch from VSA. VSA=5.2V. In the case of an external supply, VSA serves as a point
for a current from a power supply. The stabilization point of VSA and supply for the
logic correspond to the operation conditions in ringing mode.
14
SO1
Loudspeaker output 1.
15
SO2
Loudspeaker output 2. Differential output of loudhearing amplifier. The loudspeaker
can also be connected asymmetrically to ground or to VSA via a capacitor at one of the
two outputs. As a result of this connection there is a bigger output power in reference
to low line currents and loudspeakers with low impedance, while the differential
connection method results in a higher power output and lower harmonic distortion with
medium or high line currents and/or loudspeaker impedances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com