Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3810BM Datasheet(PDF) 13 Page - TEMIC Semiconductors

Part # U3810BM
Description  Multi Standard Feature Phone Integrated Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3810BM Datasheet(HTML) 13 Page - TEMIC Semiconductors

Back Button U3810BM Datasheet HTML 9Page - TEMIC Semiconductors U3810BM Datasheet HTML 10Page - TEMIC Semiconductors U3810BM Datasheet HTML 11Page - TEMIC Semiconductors U3810BM Datasheet HTML 12Page - TEMIC Semiconductors U3810BM Datasheet HTML 13Page - TEMIC Semiconductors U3810BM Datasheet HTML 14Page - TEMIC Semiconductors U3810BM Datasheet HTML 15Page - TEMIC Semiconductors U3810BM Datasheet HTML 16Page - TEMIC Semiconductors U3810BM Datasheet HTML 17Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
TELEFUNKEN Semiconductors
U3810BM
Rev. A1: 19.01.1996
13 (31)
D Note 1: transmit gain: GT = VL/VMIC on MIC1/MIC2
GT = VL/VMIC on MICX with the above values of
RAG1 and RAG2
D Note 2: Squelch dynamic range: DGT = GT0 – GT1
GT0 measured at VMIC = 1 mVrms
GT1 measured at VMIC = 160
mVrms
GT
12
30
50 mA
IL
94 7895 e
Parameters
Test conditions
Min.
Typ.
Max.
Unit
Fig.
Receive
GR receiving gain
GR = VR*/VL
(for normal output)
VGEN = 0.3 Vrms
RX2
RX1
RX0
maximum gain
1
1
1
minimum gain
0
0
0
3.5
– 3.7
4.5
– 2.5
5.5
– 1.3
dB
dB
7
DGR = VR/VRECOX
VGEN = 0.3 Vrms
14.0
15.0
16.0
dB
7
Gain adjustment at
earphone
IL = 28 mA and 60 mA
Attenuation between two steps
(both on REC01/REC02 and on
RECOX)
0.8
1.0
1.3
dB
7
Receiving gain without
AGC
GR = VR/VL
GR at 28 mA
DGR at 20 mA < IL <28mA
DGR at 28 mA < IL <60mA
VGEN = 0.3 Vrms
Bit: AGC =1
IBAL = 1
Bits RX2
RX1
RX0
11
1
11
1
11
1
–3
– 0.5
– 0.5
– 1.5
0
0
0
0.5
0.5
dB
dB
dB
7
DGR receiving gain
betw. 28 and 60 mA
on RECO1/RECO2
and on RECOX
VGEN = 0.3 Vrms
Bits
AR1
AR0
00
01
10
11
3.6
4.9
6.3
7.5
4.1
5.5
6.9
8.3
4.6
5.9
7.4
8.7
dB
dB
dB
dB
7
+ 6 dB delta receiving gain
on RECO1/RECO2
and on RECOX
VGEN = 0.3 Vrms, IL = 28mA and 60mA
(At maximum and minimum gain)
Bit RX6 = 1
5.6
6.1
6.7
dB
7
Muted gain
VGEN = 0.3 Vrms
Mute on REC01/REC02
Bit
IR=1
Bit IE1 = IE2 = 1
RECOX
Bit
IR=1
65
60
36
dB
dB
dB
7
Noise at earpiece
psophometric weighted
At maximum gain
VGEN = 0 V
150
220
mVp
7
Receiving distortion
IL = 28 mA and 60 mA
max gain, RX6 = 1 VR = 5 Vpp
min. gain, RX6 = 0 VR = 2 Vpp
1
3
%
7
Receiver output
impedance on
RECO1/RECO2
(pins 29–30)
VR = 50 mVrms,
40
65
85
W
7
Receiver output
impedance on RECOX
(pin 31)
VRECOX = 50 mVrms
800
950
1100
W
7
* VR = VRECO1 – VRECO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com