Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3810BM Datasheet(PDF) 29 Page - TEMIC Semiconductors

Part # U3810BM
Description  Multi Standard Feature Phone Integrated Circuit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3810BM Datasheet(HTML) 29 Page - TEMIC Semiconductors

Back Button U3810BM Datasheet HTML 23Page - TEMIC Semiconductors U3810BM Datasheet HTML 24Page - TEMIC Semiconductors U3810BM Datasheet HTML 25Page - TEMIC Semiconductors U3810BM Datasheet HTML 26Page - TEMIC Semiconductors U3810BM Datasheet HTML 27Page - TEMIC Semiconductors U3810BM Datasheet HTML 28Page - TEMIC Semiconductors U3810BM Datasheet HTML 29Page - TEMIC Semiconductors U3810BM Datasheet HTML 30Page - TEMIC Semiconductors U3810BM Datasheet HTML 31Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
TELEFUNKEN Semiconductors
U3810BM
Rev. A1: 19.01.1996
29 (31)
M
Melody or confidence tone out-
DTMF mode
M
Melody or confidence tone out-
put
Key
HF/LF
00
01
02
03
04
05
06
07
08
09
0A
0B
0C
0D
0E
0F
10
11
12
13
14
15
16
17
18
19
1A
1B
1C
1D
1E
1F
A3
A#3
B3
C4
C#4
D4
D#4
E4
F4
F#4
G4
G#4
A4
A#4
B4
C5
C#
D5
D#5
E5
F5
F#5
G5
G#5
A5
A#5
B5
C6
C#6
D6
440.0
466.2
493.5
523.0
554.9
587.8
621.6
659.4
697.8
741.0
784.5
830.3
878.4
932.4
989.1
1048.4
1109.7
1172.7
1243.2
1315.0
1395.7
1477.3
1569.0
1660.6
1763.6
1864.7
1978.3
2087.2
2208.7
2345.4
«1»
«4»
«7»
«*»
«2»
«5»
«8»
«0»
«3»
«6»
«9»
«#»
«A»
«B»
«C»
«D»
«1»
«4»
«7»
«*»
«2»
«5»
«8»
«0»
«3»
«6»
«9»
«#»
«A»
«B»
«C»
«D»
2.5 dB
”
”
”
”
”
”
”
”
”
”
”
”
”
”
”
3.5 dB
”
”
”
”
”
”
”
”
”
”
”
”
”
”
”
Table 3
7: Control register
AMF
ISQ
SD
SIN1
SIN0
AMF:
MF output attenuation –3 dB
extra ringing attenuation (12 dB)
ISQ:
Squelch inhibition
SD:
Shutdown
SIN:
Generator mode
0: OFF
1: Melody (Ringer)
2: Confidence tone
3: DTMF
Order Information
Package
Type
PLCC 44
U3810BM-CP
SSO 44
U3810BM-FN
Electrostatic sensitive device.
Observe precautions for handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com