Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT18A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUT18A
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUT18A Datasheet(HTML) 5 Page - NXP Semiconductors

  BUT18A Datasheet HTML 1Page - NXP Semiconductors BUT18A Datasheet HTML 2Page - NXP Semiconductors BUT18A Datasheet HTML 3Page - NXP Semiconductors BUT18A Datasheet HTML 4Page - NXP Semiconductors BUT18A Datasheet HTML 5Page - NXP Semiconductors BUT18A Datasheet HTML 6Page - NXP Semiconductors BUT18A Datasheet HTML 7Page - NXP Semiconductors BUT18A Datasheet HTML 8Page - NXP Semiconductors BUT18A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1999 Jun 11
5
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUT18; BUT18A
Fig.3 Transient thermal impedance.
handbook, full pagewidth
MGB862
10
10−1
10−2
tp (ms)
10−1
10−2
10−3
10
1103
102
1
Zth j−mb
(K/W)
0.75
0.50
0.33
0.20
0.10
0.05
0.02
0.01
0
δ = 1
Fig.4 Power derating curve.
handbook, halfpage
050
Tmb (
oC)
100
150
120
0
40
80
MGD283
Ptot max
(%)
Fig.5
Test circuit for collector-emitter
sustaining voltage.
handbook, halfpage
MGE252
+ 50 V
100 to 200
Ω
30 to 60 Hz
L
6 V
oscilloscope
vertical
horizontal
1
Ω
300
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com