Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT18A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUT18A
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUT18A Datasheet(HTML) 3 Page - NXP Semiconductors

  BUT18A Datasheet HTML 1Page - NXP Semiconductors BUT18A Datasheet HTML 2Page - NXP Semiconductors BUT18A Datasheet HTML 3Page - NXP Semiconductors BUT18A Datasheet HTML 4Page - NXP Semiconductors BUT18A Datasheet HTML 5Page - NXP Semiconductors BUT18A Datasheet HTML 6Page - NXP Semiconductors BUT18A Datasheet HTML 7Page - NXP Semiconductors BUT18A Datasheet HTML 8Page - NXP Semiconductors BUT18A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1999 Jun 11
3
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUT18; BUT18A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. Measured with a half-sinewave voltage (curve tracer).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCESM
collector-emitter peak voltage
VBE =0
BUT18
−
850
V
BUT18A
−
1000
V
VCEO
collector-emitter voltage
open base
BUT18
−
400
V
BUT18A
−
450
V
ICsat
collector saturation current
−
4A
IC
collector current (DC)
see Fig.2
−
6A
ICM
collector current (peak value)
see Fig.2
−
12
A
IB
base current (DC)
−
3A
IBM
base current (peak value)
−
6A
Ptot
total power dissipation
Tmb ≤ 25 °C; see Fig.4
−
110
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCEOsust
collector-emitter sustaining
voltage
IC = 0.1 A; IBoff = 0; L = 25 mH; see
Figs 5 and 6
BUT18
400
−−
V
BUT18A
450
−−
V
VCEsat
collector-emitter saturation voltage IC = 4 A; IB = 0.8 A; see Fig.7
−−
1.5
V
VBEsat
base-emitter saturation voltage
IC = 4 A; IB = 0.8 A; see Fig.8
−−
1.3
V
ICES
collector-emitter cut-off current
VCE =VCESMmax; VBE = 0; note 1
−−
1mA
VCE =VCESMmax; VBE =0;
Tj = 125 °C; note 1
−−
2mA
IEBO
emitter-base cut-off current
VEB =9V; IC =0
−−
10
mA
hFE
DC current gain
VCE =5V; IC = 10 mA; see Fig.9
10
18
35
VCE =5V; IC = 1 A; see Fig.9
10
20
35
Switching times resistive load (see Figs 10 and 11)
ton
turn-on time
ICon = 4 A; IBon = −IBoff = 800 mA
−−
1
µs
ts
storage time
ICon = 4 A; IBon = −IBoff = 800 mA
−−
4
µs
tf
fall time
ICon = 4 A; IBon = −IBoff = 800 mA
−−
0.8
µs
Switching times inductive load (see Figs 10 and 13)
ts
storage time
ICon = 4 A; IBon = 800 mA; VCL = 250 V −
1.6
2.5
µs
tf
fall time
ICon = 4 A; IBon = 800 mA; VCL = 250 V −
150
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com