Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3848C-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U3848C-S08-R
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U3848C-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button U3848C-S08-R Datasheet HTML 2Page - Unisonic Technologies U3848C-S08-R Datasheet HTML 3Page - Unisonic Technologies U3848C-S08-R Datasheet HTML 4Page - Unisonic Technologies U3848C-S08-R Datasheet HTML 5Page - Unisonic Technologies U3848C-S08-R Datasheet HTML 6Page - Unisonic Technologies U3848C-S08-R Datasheet HTML 7Page - Unisonic Technologies U3848C-S08-R Datasheet HTML 8Page - Unisonic Technologies U3848C-S08-R Datasheet HTML 9Page - Unisonic Technologies U3848C-S08-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
U3848/A/B/C
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 13
www.unisonic.com.tw
QW-R103-033,B
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER OUTPUT SECTION
Output Voltage Low State
VOL
ISOURCE = 200 mA
2.5
V
Output Voltage High State
VOH
ISINK = 200 mA
12.2
V
U3848B
CL = 1.0 nF
70
150
ns
U3848C
CL = 1.0 nF
200
300
ns
Output Voltage Rise Time
U3848/A
tR
CL = 1.0 nF
300
400
ns
Output Voltage Fall Time
tF
CL = 1.0 nF
50
90
ns
Note: 1. RT=65kΩ should be connected for U3848/ U3848B.
2. U3848A/C denote U3848A and U3848C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com