Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U3848C-S08-R Datasheet(PDF) 12 Page - Unisonic Technologies

Part # U3848C-S08-R
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U3848C-S08-R Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button U3848C-S08-R Datasheet HTML 5Page - Unisonic Technologies U3848C-S08-R Datasheet HTML 6Page - Unisonic Technologies U3848C-S08-R Datasheet HTML 7Page - Unisonic Technologies U3848C-S08-R Datasheet HTML 8Page - Unisonic Technologies U3848C-S08-R Datasheet HTML 9Page - Unisonic Technologies U3848C-S08-R Datasheet HTML 10Page - Unisonic Technologies U3848C-S08-R Datasheet HTML 11Page - Unisonic Technologies U3848C-S08-R Datasheet HTML 12Page - Unisonic Technologies U3848C-S08-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
U3848/A/B/C
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
12 of 13
www.unisonic.com.tw
QW-R103-033,B
TYPICAL CHARACTERISTICS(Cont.)
120mV
3.86V
1.64kHz
850Hz
Ch1 max
6.00V
Ch1 min
460mV
Ch1 frequency
785.5Hz
M 400μsA Ch1 ∫
3.18V
1.00V
Ch1
60.0mV
3.30V
3.29kHz
1.70kHz
Ch1 max
5.90V
Ch1 min
40.0mV
Ch1 frequency
1.906kHz
M 200μ s A Ch1 ∫
2.68V
1.00V
Ch1
Feedback Voltage During Loadjump From10%
Up To 100% Load (VDCIN=120V)
Feedback Voltage During Loadjump From10%
Up To 100% Load (VDCIN=350V)
12.3V
12.3V
Ch1 max
5.04V
Ch1 min
1.32V
Ch1 frequency
-----Hz
M 10.0ms A Ch1 ∫
3.16V
2.00V
Ch1
Startup With Full Load Condition At VDCIN=120V,
Vc4 and Vout
VC4
VOUT
5.00V
Ch2
12.3V
12.3V
Ch1 max
5.04V
Ch1 min
-120mV
Ch1 frequency
-----Hz
M 10.0ms A Ch1 ∫
3.16V
2.00V
Ch1
Startup With Full Load Condition At VDCIN=350V,
Vc4 and Vout
VC4
VOUT
5.00V
Ch2
120mV
12.3V
M 4.00 ms A Ch3 ∫
4.96V
2.00V
Ch1
Startup Behavior At Nominal Load Condition VDCIN=120 V
VC4
VSS
2.00V
Ch2
2.00V
Ch3
357Hz
21.2Hz
VFB
240mV
12.0V
M 4.00ms A Ch3 ∫
4.96V
2.00V
Ch1
Startup Behavior At Nominal Load Condition VDCIN=350V
VC4
VSS
2.00V
Ch2
2.00V
Ch3
1.79kHz
147Hz
VFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com