Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT18AF Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BUT18AF
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUT18AF Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BUT18AF Datasheet HTML 4Page - NXP Semiconductors BUT18AF Datasheet HTML 5Page - NXP Semiconductors BUT18AF Datasheet HTML 6Page - NXP Semiconductors BUT18AF Datasheet HTML 7Page - NXP Semiconductors BUT18AF Datasheet HTML 8Page - NXP Semiconductors BUT18AF Datasheet HTML 9Page - NXP Semiconductors BUT18AF Datasheet HTML 10Page - NXP Semiconductors BUT18AF Datasheet HTML 11Page - NXP Semiconductors BUT18AF Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1999 Jun 11
9
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUT18F; BUT18AF
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT186
TO-220
0
5
10 mm
scale
Plastic single-ended package; isolated heatsink mounted;
1 mounting hole; 3 lead TO-220 exposed tabs
SOT186
A
A1
Q
c
Note
1. Terminal dimensions within this zone are uncontrolled. Terminals in this zone are not tinned.
D
D1
L
L2
L1
m
q
e1
e
b
w M
1
23
E1
E
P
b1
UNIT
D
b1
D1
e
q
Q
P
L
c
L2
e1
A
5.08
mm
4.4
4.0
A1
2.9
2.5
b
0.9
0.7
1.5
1.3
0.55
0.38
17.0
16.4
7.9
7.5
E
10.2
9.6
5.7
5.3
E1
2.54
14.3
13.5
10
0.4
L1
(1)
4.8
4.0
1.4
1.2
4.4
4.0
w
3.2
3.0
m
0.9
0.5
DIMENSIONS (mm are the original dimensions)
97-06-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com