Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75232-R20-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 75232-R20-R
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75232-R20-R Datasheet(HTML) 3 Page - Unisonic Technologies

  75232-R20-R Datasheet HTML 1Page - Unisonic Technologies 75232-R20-R Datasheet HTML 2Page - Unisonic Technologies 75232-R20-R Datasheet HTML 3Page - Unisonic Technologies 75232-R20-R Datasheet HTML 4Page - Unisonic Technologies 75232-R20-R Datasheet HTML 5Page - Unisonic Technologies 75232-R20-R Datasheet HTML 6Page - Unisonic Technologies 75232-R20-R Datasheet HTML 7Page - Unisonic Technologies 75232-R20-R Datasheet HTML 8Page - Unisonic Technologies 75232-R20-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
75232
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 10
www.unisonic.com.tw
QW-R113-005,D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
VDD
15
V
VSS
-15
V
Supply Voltage (Note 2)
VCC
10
V
Driver
-15 ~ 7
V
Input Voltage Range
Receiver
VIN
-30 ~ 30
V
Driver Output Voltage Range
VOUT
-15 ~ 15
V
Receiver Low Level Output Current
IOUT
20
mA
Operation Temperature
TOPR
0 ~ +70
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: 1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltages are with respect to the network ground terminal.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-20
70
SOP-20
100
SSOP-20
115
Thermal Resistance Junction- Ambient
TSSOP-20
θJA
115
°C/W
RECOMMENDED OPERATING RATINGS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
VDD
7.5
9
15
V
VSS
-7.5
-9
-15
V
Supply Voltage
VCC
4.5
5
5.5
V
High
VIH
1.9
V
Level Input Voltage (driver only)
Low
VIL
0.8
V
Driver
-6.0
High Level Output Current
Receiver
IOH
-0.5
mA
Driver
6
Low Level Output Current
Receiver
IOL
16
mA
Operating Free-air Temperature
TOPR
0
70
°C
E LECTRICAL CHARACTERISTICS
(Over recommended supply voltage and operating temperature ranges, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENTS
VDD =9V, VSS =-9V
15
VDD =12, VSS =-12V
19
mA
No load.
All inputs at 1.9V
VDD =15, VSS =-15V
25
VDD =9V, VSS =-9V
4.5
VDD =12, VSS =-12V
5.5
Supply Current from VDD
IDD
No load.
All inputs at 0.8V
VDD =15, VSS =-15V
9
mA
VDD =9V, VSS =-9V
-15
VDD =12, VSS =-12V
-19
No load.
All inputs at 1.9V
VDD =15, VSS =-15V
-25
mA
VDD =9V, VSS =-9V
-3.2
VDD =12, VSS =-12V
-3.2
Supply Current from VSS
ISS
No load.
All inputs at 0.8V
VDD =15, VSS =-15V
-3.2
mA
Supply Current from VCC
ICC
No load. All inputs at 5V, VCC=5V
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com