Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75232-R20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 75232-R20-R
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75232-R20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  75232-R20-R Datasheet HTML 1Page - Unisonic Technologies 75232-R20-R Datasheet HTML 2Page - Unisonic Technologies 75232-R20-R Datasheet HTML 3Page - Unisonic Technologies 75232-R20-R Datasheet HTML 4Page - Unisonic Technologies 75232-R20-R Datasheet HTML 5Page - Unisonic Technologies 75232-R20-R Datasheet HTML 6Page - Unisonic Technologies 75232-R20-R Datasheet HTML 7Page - Unisonic Technologies 75232-R20-R Datasheet HTML 8Page - Unisonic Technologies 75232-R20-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
75232
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R113-005,D
MULTIPLE RS-232 DRIVERS
AND RECEIVERS
DESCRIPTION
The UTC 75232 is a monolithic IC containing three independent
drivers and five receivers which comply with the requirements of
the TIA/EIA232-F standards.
FEATURES
* Single chip with easy interconnection of the UART and
serial-port connector of personal computer.
* Meets standard TIA/EIA-232-F and ITU V.28
* Up to 120 kbps data rate
* 20-pin SOP/ DIP/SSOP/TSSOP packages
*Pb-free plating product number: 75232L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
75232-D20-T
75232L-D20-T
DIP-20
Tube
75232-P20-R
75232L-P20-R
TSSOP-20
Tape Reel
75232-P20-T
75232L-P20-T
TSSOP-20
Tube
75232-R20-R
75232L-R20-R
SSOP-20
Tape Reel
75232-R20-T
75232L-R20-T
SSOP-20
Tube
75232-S20-R
75232L-S20-R
SOP-20
Tape Reel
75232-S20-T
75232L-S20-T
SOP-20
Tube
75232L-D20-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) D20: DIP-20, S20: SOP-20, R20: SSOP-20,
P20: TSSOP-20
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 75232-R20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75232-R20-R UTC-75232-R20-R Datasheet
352Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - 75232-R20-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
Multiple RS-232 Drivers and Receivers
August 20, 2002
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
Multiple RS-232 drivers and receivers
01-Jun-2006
logo
Texas Instruments
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185C STMICROELECTRONICS-ST75185C Datasheet
798Kb / 22P
Multiple RS-232 drivers and receivers
19-Dec-2007
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com