Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6571 Datasheet (PDF) - Holtek Semiconductor Inc

HT6571 Datasheet PDF - Holtek Semiconductor Inc
Part # HT6571
Download  HT6571 Download
File Size   483.52 Kbytes
Page   8 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Multiple RS-232 Drivers and Receivers

HT6571 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT6571 Datasheet PDF - Holtek Semiconductor Inc

Part # HT6571
Download  HT6571 Click to download

File Size   483.52 Kbytes
Page   8 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Multiple RS-232 Drivers and Receivers

HT6571 Datasheet (HTML) - Holtek Semiconductor Inc


HT6571 Product details

General Description

The HT6571 is a CMOS device containing three RS-232 line drivers, and five RS-232 line receivers that are used to interface data terminal equipment (DTE) with data circuit-terminating equipment (DCE).



Features

• Single-chip with easy interface between UART and serial port connector

• Three drivers and five receivers meet or exceed the requirements of EIA/TIA-232-D

• Designed to support data rates up to 120 Kbit/s

• Driver current-limited output: 25mA typ.

• Flexible supply voltage range

• ESD protection exceeds 5kV

• 20-pin SOP package



 




Similar Part No. - HT6571

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6570 HOLTEK-HT6570 Datasheet
282Kb / 7P
I/O TTL INTEGRATION
2nd Apr 97
HT6576 HOLTEK-HT6576 Datasheet
412Kb / 14P
Advanced SCSI CHIP
14th July 97
HT6576A HOLTEK-HT6576A Datasheet
412Kb / 14P
Advanced SCSI CHIP
14th July 97
More results


Similar Description - HT6571

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
Multiple RS-232 drivers and receivers
01-Jun-2006
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185C STMICROELECTRONICS-ST75185C Datasheet
798Kb / 22P
Multiple RS-232 drivers and receivers
19-Dec-2007
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com