Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6571 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT6571
Description  Multiple RS-232 Drivers and Receivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6571 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT6571 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6571 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6571 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6571 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6571 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6571 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6571 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6571 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical Characteristics
Symbol
Paremeter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
VCC
Conditions
VDD
Operation Voltage
¾¾
¾
7.5
9
15
V
VSS
Operation Voltage
¾¾
¾
-7.5
-9
-15
V
VCC
Operation Voltage
¾¾
¾
4.5
5
5.5
V
VIH1
Driver Input High
12V
5V
2
¾¾
V
VIL1
Driver Input Low
12V
5V
¾¾
0.8
V
VIH2
Receiver Input High
12V
5V
3
¾¾
V
VIL2
Receiver Input Low
12V
5V
¾¾
0V
IOH1
Receiver Output Source Current
12V
5V
VO=2.4V
-1
-2
-3
mA
IOL1
Receiver Output Sink Current
12V
5V
VO=0.4V
+1
+2
+3
mA
IOS(H)
High-level Driver Short Current
12V
5V
VO=0V
-15
-25
-35
mA
IOS(L)
Low-level Driver Short Current
12V
5V
VO=0V
15
25
35
mA
SR1
Slew Rate
12V
5V
RL=7k
W,C1=330pF
¾¾
30
V/
ms
HT6571
Rev. 1.20
2
August 20, 2002



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com