Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6571 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT6571
Description  Multiple RS-232 Drivers and Receivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6571 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT6571 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6571 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6571 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6571 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6571 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6571 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6571 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6571 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HT6571
Multiple RS-232 Drivers and Receivers
Block Diagram
Pin Assignment
Absolute Maximum Ratings
Supply Voltage (VSS VDD) ..........................
-15V~15V
Supply Voltage (GND VCC) .......................
-0.3V~5.5V
Input Voltage Driver .......................................... 0V~7V
Receiver ......................................................
-15V~15V
Output Voltage Driver ..................................
-15V~15V
Receiver ............................................................ 0V~7V
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
Rev. 1.20
1
August 20, 2002
Features
· Single-chip with easy interface between UART and
serial port connector
· Three drivers and five receivers meet or exceed the
requirements of EIA/TIA-232-D
· Designed to support data rates up to 120 Kbit/s
· Driver current-limited output: 25mA typ.
· Flexible supply voltage range
· ESD protection exceeds 5kV
· 20-pin SOP package
General Description
The HT6571 is a CMOS device containing three RS-232
line drivers, and five RS-232 line receivers that are used
to interface data terminal equipment (DTE) with data cir-
cuit-terminating equipment (DCE).
R A 1
R A 2
R A 3
D Y 1
D Y 2
R A 4
D Y 3
R A 5
R Y 1
R Y 2
R Y 3
D A 1
D A 2
R Y 4
D A 3
R Y 5
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
V D D
R A 1
R A 2
R A 3
D Y 1
D Y 2
R A 4
D Y 3
R A 5
V S S
V C C
R Y 1
R Y 2
R Y 3
D A 1
D A 2
R Y 4
D A 3
R Y 5
G N D
H T 6 5 7 1
2 0 S O P - A


Similar Part No. - HT6571

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6570 HOLTEK-HT6570 Datasheet
282Kb / 7P
I/O TTL INTEGRATION
2nd Apr 97
HT6576 HOLTEK-HT6576 Datasheet
412Kb / 14P
Advanced SCSI CHIP
14th July 97
HT6576A HOLTEK-HT6576A Datasheet
412Kb / 14P
Advanced SCSI CHIP
14th July 97
More results

Similar Description - HT6571

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
Multiple RS-232 drivers and receivers
01-Jun-2006
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185C STMICROELECTRONICS-ST75185C Datasheet
798Kb / 22P
Multiple RS-232 drivers and receivers
19-Dec-2007
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com