Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8853/AC/DG Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # SP8853/AC/DG
Description  1.3 GHz Professional Synthesiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8853/AC/DG Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button SP8853/AC/DG Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8853/AC/DG Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8853/AC/DG Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8853/AC/DG Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8853/AC/DG Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8853/AC/DG Datasheet HTML 7Page - Zarlink Semiconductor Inc SP8853/AC/DG Datasheet HTML 8Page - Zarlink Semiconductor Inc SP8853/AC/DG Datasheet HTML 9Page - Zarlink Semiconductor Inc SP8853/AC/DG Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
SP8853
An F1 or F2 update cycle will consist of a byte containing
24 bits whereas the reference byte will contain 18 bits. The
device requires 3 bytes, each with a chip select sequence,
totalling 66 bits to fully program.
When the dual modulus
A counter is set to 48/9, the data
required to set the counter is reduced by one bit, leaving an
unused bit in the 22-bit F1/F2 buffer. This bit must always be
set to zero when the 48/9 mode is required. Various
programming sequences are shown in Fig. 7.
The data entry and storage registers are always powered
up, making it possible to enter data when the device is in the
powered down state.
PD2
PD2
Result
0
1
0
1
0
0
1
1
FREF and FPD outputs off, charge pumps 1 and 2 on
FREF and FPD outputs on, charge pump 1 off, charge pump 2 on
FREF and FPD outputs off, charge pump 1 disabled by lock detect, charge pump 2 on
FREF and FPD outputs on, charge pump 1 disabled by lock detect, charge pump 2 on
Table 4
Fig. 6 Application diagrams
1
5V
CONTROL
MICRO
432
1
28
27
26
12
13
14
15
16
17
18
5
6
7
8
9
10
11
25
24
23
22
21
20
19
SP8853
1n
33p
39p
FREF
FPD
1
5V
1n
0·1
µ
1
5V
SL562
−
+
C1
C2
R2
Rx
Rx
LOOP FILTER
VOLTAGE
CONTROLLED
OSCILLATOR
1n
VCC
2
1
5V
Rb
RPD
1
5V
2·2k
Rb >
0·25
PD2 current
Fig. 6a Typical application
128
27
26
25
24
SP8853
Cd
VCC
Ra
Ra
2
3
TO LOOP
AMPLIFIER
Fig. 6c Use of lock detect circuit with PD1
Fig. 6b Connection
of external reference
EXTERNAL
REFERENCE
SOURCE
NC
21
20
19
1
5V
22k
470
TO VCO
VARICAP
SUPPLY
10k
LOOP
FILTER
FROM
CHARGE
PUMP
Fig. 6d Simple discrete amplifier
Ra > 23
0·25
PD2 current
VCC
Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com