Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8853/AC/DG Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # SP8853/AC/DG
Description  1.3 GHz Professional Synthesiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8853/AC/DG Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  SP8853/AC/DG Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8853/AC/DG Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8853/AC/DG Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8853/AC/DG Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8853/AC/DG Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8853/AC/DG Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8853/AC/DG Datasheet HTML 7Page - Zarlink Semiconductor Inc SP8853/AC/DG Datasheet HTML 8Page - Zarlink Semiconductor Inc SP8853/AC/DG Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SP8853
1.3 GHz Professional Synthesiser
The SP8853 is a low power single chip synthesiser
intended for professional radio applications, containing all the
elements (apart from the loop amplifier) required to build a PLL
frequency synthesis loop
The device is serially programmable by a three-wire data
highway and contains three independent buffers to store one
reference divider word and two local oscillator divider words.
A digital phase detector with two charge pumps,
programmable in phase and gain, are provided to improve
lock-up performance. The preset operation of the charge
pumps can be overwritten or the comparison frequencies
switched to output ports under control of the divider word. The
dual modulus ratio and so operating range is also
programmable through the same word.
A power down mode is incorporated as a battery economy
feature.
The SP8853 is specified at 1.3GHz at -55°C to +125°C (mil
temp) and -40°C to +85°C (ind. temp).
June 2003
FEATURES
s Improved Digital Phase Detector Eliminates
‘Dead Band’ Effects
s Low Operating Power, Typically 175mW
s 1·3GHz Operating Frequency
s Complete Phase Locked Loop
s High Input Sensitivity
s Programmed throughThree-Wire Bus
s Wide Range of Reference Division Ratios
s Local Storage for Two Frequency Words, giving
Rapid Frequency Toggling
s Programmable Phase Detector Gain
s Power Down Mode
ABSOLUTE MAXIMUM RATINGS
Supply voltage
Storage temperature
Prescaler input voltage
2
0·3V to 17V
2
55
°C to 1150°C
2·5V p-p
Fig. 1 Pin identification diagram (top view)
ORDERING INFORMATION
SP8853/A/DG, SP8853/A/HC Industrial temperature versions
SP8853/AC/DG, SP8853/AC/HC Military temperature versions
432
1
28
27
26
12
13
14
15
16
17
18
5
6
7
8
9
10
11
25
24
23
22
21
20
19
PD2 OUTPUT
RPD
VCC3
GROUND
XTAL 1
XTAL2
VEE2
FREF*
POWER DOWN
VEE4
VCC4
VCC1
RF INPUT
RF INPUT
SP8853
HC28
*FPD and FREF outputs are reversed by the phase
detector sense bit in the F1/F2 programming word. The
above diagram is correct when the sense bit is low. See
Table 2 and Fig. 7.
VCC1, VEE1 – preamplifier and prescaler supplies
VCC2, VEE2 – oscillator supplies
VCC3, VEE3 – charge pump 2 supplies
VCC4, VEE4 – ECL supplies
Data Sheet
SP8853
1.3 GHz Professional Synthesiser


Similar Part No. - SP8853/AC/DG

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8853 MITEL-SP8853 Datasheet
210Kb / 14P
1쨌3GHz Professional Synthesiser
SP8853A MITEL-SP8853A Datasheet
210Kb / 14P
1쨌3GHz Professional Synthesiser
SP8853AHC MITEL-SP8853AHC Datasheet
210Kb / 14P
1쨌3GHz Professional Synthesiser
SP8853B MITEL-SP8853B Datasheet
210Kb / 14P
1쨌3GHz Professional Synthesiser
SP8853BHC MITEL-SP8853BHC Datasheet
210Kb / 14P
1쨌3GHz Professional Synthesiser
More results

Similar Description - SP8853/AC/DG

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8853A MITEL-SP8853A Datasheet
210Kb / 14P
1쨌3GHz Professional Synthesiser
SP8858 MITEL-SP8858 Datasheet
275Kb / 17P
1쨌5GHz Professional Synthesiser
logo
Zarlink Semiconductor I...
SP5730 ZARLINK-SP5730 Datasheet
380Kb / 12P
1.3 GHz Low Phase Noise Frequency Synthesiser
SP8855D ZARLINK-SP8855D Datasheet
551Kb / 14P
1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852D ZARLINK-SP8852D Datasheet
555Kb / 14P
1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8854D ZARLINK-SP8854D Datasheet
558Kb / 14P
1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
2.7GHz Parallel Load Professional Synthesiser
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
2.8GHz Parallel Load Professional Synthesiser
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
1쨌5GHz Professional Synthesiser
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
2.8GHz Parallel Load Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com