Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8853 Datasheet (PDF) - Mitel Networks Corporation

SP8853 Datasheet PDF - Mitel Networks Corporation
Part # SP8853
Download  SP8853 Download
File Size   210.04 Kbytes
Page   14 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 1쨌3GHz Professional Synthesiser

SP8853 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8853 Datasheet PDF - Mitel Networks Corporation

Part # SP8853
Download  SP8853 Click to download

File Size   210.04 Kbytes
Page   14 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 1쨌3GHz Professional Synthesiser

SP8853 Datasheet (HTML) - Mitel Networks Corporation


SP8853 Product details

The SP8853 is a low power single chip synthesiser intended for professional radio applications, containing all the elements (apart from the loop amplifier) required to build a PLL frequency synthesis loop.
The device is serially programmable by a three-wire data highway and contains three independent buffers to store one reference divider word and two local oscillator divider words. A digital phase detector with two charge pumps, programmable in phase and gain, are provided to improve lock-up performance. The preset operation of the charge pumps can be overwritten or the comparison frequencies switched to output ports under control of the divider word. The dual modulus ratio and so operating range is also programmable through the same word.

FEATURES
■ Improved Digital Phase Detector Eliminates ‘Dead Band’ Effects
■ Low Operating Power, Typically 175mW
■ 1·3GHz Operating Frequency
■ Complete Phase Locked Loop
■ High Input Sensitivity
■ Programmed throughThree-Wire Bus
■ Wide Range of Reference Division Ratios
■ Local Storage for Two Frequency Words, giving Rapid Frequency Toggling
■ Programmable Phase Detector Gain
■ Power Down Mode




Similar Part No. - SP8853

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8853/A/DG ZARLINK-SP8853/A/DG Datasheet
287Kb / 14P
1.3 GHz Professional Synthesiser
SP8853/AC/DG ZARLINK-SP8853/AC/DG Datasheet
287Kb / 14P
1.3 GHz Professional Synthesiser
SP8853A ZARLINK-SP8853A Datasheet
287Kb / 14P
1.3 GHz Professional Synthesiser
More results


Similar Description - SP8853

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP8858 MITEL-SP8858 Datasheet
275Kb / 17P
1쨌5GHz Professional Synthesiser
SP8861 MITEL-SP8861 Datasheet
200Kb / 13P
1쨌3GHz Low Power Single-Chip Frequency Synthesiser
logo
Zarlink Semiconductor I...
SP8852D ZARLINK-SP8852D Datasheet
555Kb / 14P
1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8853A ZARLINK-SP8853A Datasheet
287Kb / 14P
1.3 GHz Professional Synthesiser
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
2.7GHz Parallel Load Professional Synthesiser
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
2.8GHz Parallel Load Professional Synthesiser
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
1쨌5GHz Professional Synthesiser
SP8861 ZARLINK-SP8861 Datasheet
282Kb / 15P
1쨌3GHz Low Power Single-Chip Frequency Synthesiser
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
2.8GHz Parallel Load Professional Synthesiser
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com