Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8853 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP8853
Description  1쨌3GHz Professional Synthesiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8853 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP8853 Datasheet HTML 1Page - Mitel Networks Corporation SP8853 Datasheet HTML 2Page - Mitel Networks Corporation SP8853 Datasheet HTML 3Page - Mitel Networks Corporation SP8853 Datasheet HTML 4Page - Mitel Networks Corporation SP8853 Datasheet HTML 5Page - Mitel Networks Corporation SP8853 Datasheet HTML 6Page - Mitel Networks Corporation SP8853 Datasheet HTML 7Page - Mitel Networks Corporation SP8853 Datasheet HTML 8Page - Mitel Networks Corporation SP8853 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
SP8853A/B
Fig. 2 SP8853 block diagram
Fig. 3 Detailed block diagram of lock detect circuit
fPD
11
15 BIT
M COUNT
1
LOGIC
4 BIT
A COUNT
1
LOGIC
2 BIT
1 BIT
DUAL
F1/F2
DATA
BUFFER
N0
N3
N4
N18
N19
N20
N21
22 BIT SHIFT REGISTER
1 BIT
13 BIT
2 BIT
N0
N12
N14
N15
N13
SINGLE
REFERENCE
BUFFER
LOGIC
2-BIT
SR
DATA
INPUT
16/17 OR 8/9
CONTROL
fREF
PHASE
DETECTOR
LOGIC
R
COUNT
OUTPUT
INTERFACE
CHARGE
PUMP 1
CHARGE
PUMP 2
PD1
3
LOCK
DETECT
RF INPUT
10
F1/F2
DATA
CLOCK
ENABLE
POWER
DOWN
13
14
15
16
6
PD2
25
27
Cd
28
RPD
24
20
21
CRYSTAL
FREF*
5
4
FPD*
*FREF and FPD outputs are reversed by the phase detector
sense bit in the F1/F2 programming word. The pin allocations
shown are correct when the sense bit is low (see Table 2 and Fig. 7).
RF INPUT
REFERENCE
DIVIDER
−
+
VCC
PHASE
DETECTOR
fPD
fREF
CHARGE
PUMP 2
TRANSCONDUCTANCE
AMPLIFIER
3
1
CHARGE
PUMP 1
−
+
−
+
3
1
3
1 BUFFER
10k
45k
45k
DUAL VOLTAGE
COMPARATOR
PD1
3
CHARGE PUMP 1 DISABLE
(SEE TABLE 4)
RPD
24
PD2
25
Cd
28
LOCK DETECT
27
Output current at pin 27 is proportional to
voltage difference between pins 25 and 28,
IMAX = 625µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com