Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8853 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # SP8853
Description  1쨌3GHz Professional Synthesiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8853 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SP8853 Datasheet HTML 1Page - Mitel Networks Corporation SP8853 Datasheet HTML 2Page - Mitel Networks Corporation SP8853 Datasheet HTML 3Page - Mitel Networks Corporation SP8853 Datasheet HTML 4Page - Mitel Networks Corporation SP8853 Datasheet HTML 5Page - Mitel Networks Corporation SP8853 Datasheet HTML 6Page - Mitel Networks Corporation SP8853 Datasheet HTML 7Page - Mitel Networks Corporation SP8853 Datasheet HTML 8Page - Mitel Networks Corporation SP8853 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
SP8853A/B
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following range of operating conditions unless otherwise stated:
Supply voltage VCC = 14·75V to 15·25V. T
AMB = 255°C to 1125°C (A Grade), 240°C to 185°C (B Grade)
Characteristic
Conditions
Supply current
Supply current in power down mode
Input sensitivity
Input overload
RF input division ratio
Comparison frequency
Reference oscillator input frequency
External reference input voltage
Reference division ratio
Data clock repetition rate, tREP
Minimum setup time, tS
DATA input high
DATA input low
CLOCK input high
CLOCK input low
Data ENABLE high
Data ENABLE low
F1/F2 input high
F1/F2 input low
POWER DOWN input high
POWER DOWN input low
F1/F2 input current
POWER DOWN input current
RDP external resistance
LOCK DETECT output voltage when in lock
LOCKDETECT switching voltage high
LOCK DETECT switching voltage low
FPD and FREF output voltage swing
256
56
4
10
1
50
0·6VCC
VEE
0·6VCC
VEE
0·6VCC
VEE
0·6VCC
VEE
0·6VCC
VEE
68
2·7
40
7·5
524287
262143
5
20
500
8191
1
VCC
0·3VCC
VCC
0·3VCC
VCC
0·3VCC
VCC
0·3VCC
0·9VCC
0·3VCC
5
5
330
1
2·3
33
4·5
0·9
Pin
8,9,18,23
8
10,11
10,11
10,11,4
4,5
20,21
20
20,5
15
14,15
14
14
15
15
16
16
13
13
6
6
13
6
24
27
25
25
Typ.
Max.
Min.
mA
mA
MHz
MHz
mVrms
µs
ns
V
V
V
V
V
V
V
V
V
V
µA
µA
k
Ω
V
V
V
V
Units
Value
See Fig. 4
See Fig. 4
With 416/17 selected
With 48/9 selected
See Fig. 5
See Fig. 5
F1 buffer selected
F2 buffer selected
V pin 13 = 5·0V
V pin 6 = 4·5V
I pin 27 = 1mA
V
CC = 5V
V
CC = 5V
V
CC = 5V, external pulldown
may be required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com