Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8861 Datasheet (PDF) - Mitel Networks Corporation

SP8861 Datasheet PDF - Mitel Networks Corporation
Part # SP8861
Download  SP8861 Download
File Size   200.61 Kbytes
Page   13 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 1쨌3GHz Low Power Single-Chip Frequency Synthesiser

SP8861 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8861 Datasheet PDF - Mitel Networks Corporation

Part # SP8861
Download  SP8861 Click to download

File Size   200.61 Kbytes
Page   13 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 1쨌3GHz Low Power Single-Chip Frequency Synthesiser

SP8861 Datasheet (HTML) - Mitel Networks Corporation


SP8861 Product details

The SP8861 is a low power single chip synthesiser intended for professional radio applications, containing all the elements (apart from the loop amplifier) required to build a PLL frequency synthesis loop
The device is serially programmable by a three-wire data highway and contains three independent buffers to store one reference divider word and two local oscillator divider words. A digital phase detector with two charge pumps, programmable in phase and gain, are provided to improve lock-up performance. The preset operation of the charge pumps can be overwritten or the comparison frequencies switched to output ports under control of the divider word. The dual modulus ratio and so operating range is also programmable through the same word.
A power down mode is incorporated as a battery economy feature.

FEATURES
■ Improved Digital Phase Detector Eliminates ‘Dead Band’ Effects
■ Low Operating Power, Typically 175mW
■ 1·3GHz Operating Frequency
■ Complete Phase Locked Loop
■ High Input Sensitivity
■ Programmed throughThree-Wire Bus
■ Wide Range of Reference Division Ratios
■ Local Storage for Two Frequency Words, giving Rapid Frequency Toggling
■ Programmable Phase Detector Gain
■ Power Down Mode




Similar Part No. - SP8861

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8861 ZARLINK-SP8861 Datasheet
282Kb / 15P
1쨌3GHz Low Power Single-Chip Frequency Synthesiser
SP8861/NA/HP ZARLINK-SP8861/NA/HP Datasheet
282Kb / 15P
1쨌3GHz Low Power Single-Chip Frequency Synthesiser
More results


Similar Description - SP8861

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
NJ88C50 MITEL-NJ88C50 Datasheet
209Kb / 15P
Dual Low Power Frequency Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5730 MITEL-SP5730 Datasheet
372Kb / 14P
1.3GHz Low Phase Noise Frequency Synthesiser
SP8853A MITEL-SP8853A Datasheet
210Kb / 14P
1쨌3GHz Professional Synthesiser
WL800 MITEL-WL800 Datasheet
150Kb / 11P
2.5GHz Frequency Synthesiser
logo
Zarlink Semiconductor I...
SP5730 ZARLINK-SP5730 Datasheet
380Kb / 12P
1.3 GHz Low Phase Noise Frequency Synthesiser
NJ8820 ZARLINK-NJ8820 Datasheet
493Kb / 11P
FREQUENCY SYNTHESISER (PROM INTERFACE)
NJ88C50 ZARLINK-NJ88C50 Datasheet
523Kb / 17P
Dual Low Power Frequency Synthesiser
SP8861 ZARLINK-SP8861 Datasheet
282Kb / 15P
1쨌3GHz Low Power Single-Chip Frequency Synthesiser
WL800 ZARLINK-WL800 Datasheet
573Kb / 12P
2.5GHz Frequency Synthesiser
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com