Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5730 Datasheet (PDF) - Mitel Networks Corporation

SP5730 Datasheet PDF - Mitel Networks Corporation
Part # SP5730
Download  SP5730 Download
File Size   372.79 Kbytes
Page   14 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 1.3GHz Low Phase Noise Frequency Synthesiser

SP5730 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP5730 Datasheet PDF - Mitel Networks Corporation

Part # SP5730
Download  SP5730 Click to download

File Size   372.79 Kbytes
Page   14 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 1.3GHz Low Phase Noise Frequency Synthesiser

SP5730 Datasheet (HTML) - Mitel Networks Corporation


SP5730 Product details

Description
The SP5730 is a single chip frequency synthesiser designed for tuning systems up to 1.3GHz and is optimised for digital terrestrial applications.
The RF preamplifier interfaces direct with the RF programmable divider, which is of MN+A construction so giving a step size equal to the loop comparison frequency and no prescaler phase noise degradation over the RF operating range.
The comparison frequency is obtained either from an on-chip crystal controlled oscillator, or from an external source. The oscillator frequency, Fref, or phase comparator frequency, Fcomp, can be switched to the REF/COMP output providing a reference frequency for a second frequency synthesiser.
The synthesiser is controlled via an I2C bus and is fast mode compliant. It can be hard wired to respond to one of four addresses to enable two or more synthesisers to be used on a common bus.
The device contains four switching ports P0-P3.

Features
● Complete 1.3GHz single chip system for Digital Terrestrial Television applications
● Selectable reference division ratio, compatible with (DTT) requirements
● Optimised for low phase noise, with comparison frequencies up to 4MHz
● No RF prescaler
● Selectable reference/comparison frequency output
● Four selectable I2C bus address
● I2C fast mode compliant and compatible with
3.3 and 5V logic levels
● Four switching ports
● ESD protection, (Normal ESD Handling procedures should be observed)

Applications
● Digital Satellite ,Cable and Terrestrial tuning systems
● Communications systems




Similar Part No. - SP5730

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5730 ZARLINK-SP5730 Datasheet
380Kb / 12P
1.3 GHz Low Phase Noise Frequency Synthesiser
SP5730A/KG/MP1S ZARLINK-SP5730A/KG/MP1S Datasheet
380Kb / 12P
1.3 GHz Low Phase Noise Frequency Synthesiser
SP5730A/KG/MP1T ZARLINK-SP5730A/KG/MP1T Datasheet
380Kb / 12P
1.3 GHz Low Phase Noise Frequency Synthesiser
SP5730A/KG/MP2S ZARLINK-SP5730A/KG/MP2S Datasheet
380Kb / 12P
1.3 GHz Low Phase Noise Frequency Synthesiser
SP5730A/KG/MP2T ZARLINK-SP5730A/KG/MP2T Datasheet
380Kb / 12P
1.3 GHz Low Phase Noise Frequency Synthesiser
More results


Similar Description - SP5730

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5502 MITEL-SP5502 Datasheet
250Kb / 8P
1.3GHz I2C BUS 4-Address Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5659 MITEL-SP5659 Datasheet
143Kb / 12P
2쨌7GHz I2C Bus Low Phase Noise Synthesiser
SP5848 MITEL-SP5848 Datasheet
67Kb / 9P
2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
Very Low Phase Noise Synthesiser Divider
logo
Zarlink Semiconductor I...
SP5730 ZARLINK-SP5730 Datasheet
380Kb / 12P
1.3 GHz Low Phase Noise Frequency Synthesiser
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
SP5768 ZARLINK-SP5768 Datasheet
104Kb / 10P
3.0 GHz Low Phase Noise Frequency Synthesiser
SP8400 ZARLINK-SP8400 Datasheet
383Kb / 5P
Very Low Phase Noise Synthesiser Divider
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com