Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5502 Datasheet (PDF) - Mitel Networks Corporation

SP5502 Datasheet PDF - Mitel Networks Corporation
Part # SP5502
Download  SP5502 Download
File Size   250.32 Kbytes
Page   8 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 1.3GHz I2C BUS 4-Address Synthesiser

SP5502 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP5502 Datasheet PDF - Mitel Networks Corporation

Part # SP5502
Download  SP5502 Click to download

File Size   250.32 Kbytes
Page   8 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 1.3GHz I2C BUS 4-Address Synthesiser

SP5502 Datasheet (HTML) - Mitel Networks Corporation


SP5502 Product details

The SP5502 is a single-chip frequency synthesiser designed for TV tuning systems. Control data is entered in the standard I2C BUS format. The SP5502 has four programmable I2C BUS addresses, which allows two or more synthesisers to be used in a system.

FEATURES
■ Complete 1·3GHz Single Chip System
■ Programmable via the I2C BUS
■ Low Power Consumption (240mW Typ.)
■ Low Radiation
■ Phase Lock Detector
■ Varactor Drive Amp Disable
■ 5320mA Controllable Outputs (SP5502S)
■ 3320mA Controllable Outputs (SP5502F)
■ Variable I2C BUS Address for Multi-Tuner Applications
■ ESD Protection *

APPLICATIONS
■ Cable Tuning Systems
■ VCRs




Similar Part No. - SP5502

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP55001 SIPAT-SP55001 Datasheet
155Kb / 4P
550MHz Low-loss SAW Filter 45MHz Bandwidth
More results


Similar Description - SP5502

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
Frequency Synthesiser (I2C BUS Programmable)
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
2.7GHz I2C Bus Controlled Synthesiser
SP5769 MITEL-SP5769 Datasheet
223Kb / 11P
3GHz I2C Bus Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
Bidirectional I2C Bus 4-Address Synthesiser
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
Bidirectional I2C Bus Controlled Synthesiser
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
Frequency Synthesiser (I2C BUS Programmable)
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com