Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5669 Datasheet (PDF) - Mitel Networks Corporation

SP5669 Datasheet PDF - Mitel Networks Corporation
Part # SP5669
Download  SP5669 Download
File Size   237.0 Kbytes
Page   15 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 2.7GHz I2C Bus Controlled Synthesiser

SP5669 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP5669 Datasheet PDF - Mitel Networks Corporation

Part # SP5669
Download  SP5669 Click to download

File Size   237.0 Kbytes
Page   15 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 2.7GHz I2C Bus Controlled Synthesiser

SP5669 Datasheet (HTML) - Mitel Networks Corporation


SP5669 Product details

Description
The SP5669 is a single chip frequency synthesiser designed for tuning systems up to 2.7GHz and offers step size compatible with DTT offset requirements.

Features
● Complete 2.7GHz single chip system
● Compatible with UK DTT offset requirements
● Optimised for low phase noise
● Selectable divide by two prescaler
● Selectable reference division ratio
● Selectable reference/comparison frequency output
● Selectable charge pump current
● Four selectable I2C bus address
● 5–level ADC
● Pin compatible with the SP5658 3–wire bus controlled synthesiser and SP5659 I2C bus synthesiser and SP5659 I2C bus synthesiser ESD protection; (Normal ESD handling procedures should be observed)

Applications
● Complete 2.7GHz single chip system
● Optimised for low phase noise




Similar Part No. - SP5669

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669 Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
SP5669KG MITEL-SP5669KG Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
SP5669KGMP1S MITEL-SP5669KGMP1S Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
SP5669KGMP1T MITEL-SP5669KGMP1T Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
More results


Similar Description - SP5669

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5055 MITEL-SP5055 Datasheet
197Kb / 9P
2.6GHz Bidirectional I2C BUS Controlled Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5655 MITEL-SP5655 Datasheet
220Kb / 12P
2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5658 MITEL-SP5658 Datasheet
281Kb / 14P
2.7GHz 3-Wire Bus Controlled Frequency Synthesiser
SP5668 MITEL-SP5668 Datasheet
163Kb / 12P
2.7GHz 3-Wire Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
Bidirectional I2C Bus Controlled Synthesiser
SP5654 ZARLINK-SP5654 Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com