Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5510 Datasheet (PDF) - Mitel Networks Corporation

SP5510 Datasheet PDF - Mitel Networks Corporation
Part # SP5510
Download  SP5510 Download
File Size   268.19 Kbytes
Page   10 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 1.3GHz Bidirectional I2C BUS Controlled Synthesiser

SP5510 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP5510 Datasheet PDF - Mitel Networks Corporation

Part # SP5510
Download  SP5510 Click to download

File Size   268.19 Kbytes
Page   10 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 1.3GHz Bidirectional I2C BUS Controlled Synthesiser

SP5510 Datasheet (HTML) - Mitel Networks Corporation


SP5510 Product details

The SP5510 is a single-chip frequency synthesiser designed for TV tuning systems. Control data is entered in the standard I2C BUS format. The device has four addressable current-limited output ports (P0-P3) and four bi-directional open-collector ports (P4-P7), one of which (P6) is also a 3-bit 5-level ADC input. The information on these ports can be read via the I2C BUS. The SP5510S is a variant in a 16-lead miniature plastic package, without P0-P2 but functionally identical in other respects.
Both variants have one fixed I2C BUS address and three programmable addresses, allowing two or more synthesisers to be used in a system.

FEATURES
■ Complete 1·3GHz Single Chip System
■ Programmable via the I2C BUS
■ Low Power Consumption (215mW Typ.)
■ Low Radiation
■ Phase Lock Detector
■ Varactor Drive Amp Disable
■ 8 Controllable Outputs, 4 Bi-directional(SP5510)
■ 5 Controllable Outputs, 4 Bi-directional (SP5510S)
■ 5-Level ADC
■ Variable I2C BUS Address for Picture in Picture TV
■ ESD Protection *

APPLICATIONS
■ Cable Tuning Systems
■ VCRs




Similar Part No. - SP5510

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
Bidirectional I2C Bus 4-Address Synthesiser
SP5511NADP ZARLINK-SP5511NADP Datasheet
182Kb / 12P
Bidirectional I2C Bus 4-Address Synthesiser
SP5511SNAMP ZARLINK-SP5511SNAMP Datasheet
182Kb / 12P
Bidirectional I2C Bus 4-Address Synthesiser
logo
Mitel Networks Corporat...
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512SKGMPAS MITEL-SP5512SKGMPAS Datasheet
241Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
More results


Similar Description - SP5510

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5055 MITEL-SP5055 Datasheet
197Kb / 9P
2.6GHz Bidirectional I2C BUS Controlled Synthesiser
SP5502 MITEL-SP5502 Datasheet
250Kb / 8P
1.3GHz I2C BUS 4-Address Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5655 MITEL-SP5655 Datasheet
220Kb / 12P
2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
Bidirectional I2C Bus 4-Address Synthesiser
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
Bidirectional I2C Bus Controlled Synthesiser
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com