Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5512 Datasheet (PDF) - Mitel Networks Corporation

SP5512 Datasheet PDF - Mitel Networks Corporation
Part # SP5512
Download  SP5512 Download
File Size   241.91 Kbytes
Page   10 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 1.3GHz Bidirectional I2C BUS Controlled Synthesiser

SP5512 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP5512 Datasheet PDF - Mitel Networks Corporation

Part # SP5512
Download  SP5512 Click to download

File Size   241.91 Kbytes
Page   10 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 1.3GHz Bidirectional I2C BUS Controlled Synthesiser

SP5512 Datasheet (HTML) - Mitel Networks Corporation


SP5512 Product details

The SP5512 is a single-chip frequency synthesiser designed for TV tuning systems. Control data is entered in the standard I2C BUS format. The device has six controllable open-collector output ports (P2-P7), each capable of sinking 20mA. In addition, P6 is a 3-bit 5-level ADC input. The information on these ports can be read via the I2C BUS.

The device has one fixed I2C BUS address and three programmable addresses, allowing two or more synthesisers to be used in a system.



FEATURES

■ Complete 1·3GHz Single Chip System

■ Programmable via the I2C BUS

■ Low Power Consumption (215mW Typ.)

■ Low Radiation

■ Phase Lock Detector

■ Varactor Drive Amp Disable

■ 6 Controllable Outputs, 5 Bi-directional

■ 5-Level ADC

■ Variable I2C BUS Address for Picture in Picture TV

■ ESD Protection *

   * Normal ESD handling precautions should be observed.

  

APPLICATIONS

■ Cable Tuning Systems

■ VCRs



 




Similar Part No. - SP5512

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5510NADP MITEL-SP5510NADP Datasheet
268Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5510SNAMP MITEL-SP5510SNAMP Datasheet
268Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
Bidirectional I2C Bus 4-Address Synthesiser
SP5511NADP ZARLINK-SP5511NADP Datasheet
182Kb / 12P
Bidirectional I2C Bus 4-Address Synthesiser
More results


Similar Description - SP5512

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5055 MITEL-SP5055 Datasheet
197Kb / 9P
2.6GHz Bidirectional I2C BUS Controlled Synthesiser
SP5502 MITEL-SP5502 Datasheet
250Kb / 8P
1.3GHz I2C BUS 4-Address Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5655 MITEL-SP5655 Datasheet
220Kb / 12P
2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
Bidirectional I2C Bus 4-Address Synthesiser
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
Bidirectional I2C Bus Controlled Synthesiser
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com