Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5655 Datasheet (PDF) - Mitel Networks Corporation

SP5655 Datasheet PDF - Mitel Networks Corporation
Part # SP5655
Download  SP5655 Download
File Size   220.23 Kbytes
Page   12 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser

SP5655 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP5655 Datasheet PDF - Mitel Networks Corporation

Part # SP5655
Download  SP5655 Click to download

File Size   220.23 Kbytes
Page   12 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser

SP5655 Datasheet (HTML) - Mitel Networks Corporation


SP5655 Product details

The SP5655 is a single chip frequency synthesiser designed for TV tuning systems. Control data is entered in the standard I2C BUS format. The device contains 2 addressable current limited outputs and 4 addressable bidirectional open-collector ports, one of which is a 3-bit ADC. The information on these ports can be read via the I2C BUS. the device has one fixed I2C BUS address and 3 programmable addresses, programmed by applying a specific input voltage to one of the current limited outputs. This enables two or more synthesisers to be used in a system.

FEATURES
■ Complete 2·7GHz Single Chip System
■ High Sensitivity RF Inputs
■ Programmable via I2C BUS
■ Low Power Consumption (5V, 30mA)
■ Low Radiation
■ Phase Lock Detector
■ Varactor Drive Amp Disable
■ 6 Controllable Outputs, 4 Bidirectional
■ 5-Level ADC
■ Variable I2C BUS Address for Multi-tuner Applications
■ ESD Protection: 4kV, Mil-Std-883C, Method 3015 (1)
■ Switchable 4512/1024 Reference Divider
■ Pin and Function Compatible with SP5055S (2)

APPLICATIONS
■ Satellite TV
■ High IF Cable Tuning Systems




Similar Part No. - SP5655

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5654 ZARLINK-SP5654 Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654-KG-MPAD ZARLINK-SP5654-KG-MPAD Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654-KG-MPAS ZARLINK-SP5654-KG-MPAS Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654/KG ZARLINK-SP5654/KG Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654/KG/MPAD ZARLINK-SP5654/KG/MPAD Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
More results


Similar Description - SP5655

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5055 MITEL-SP5055 Datasheet
197Kb / 9P
2.6GHz Bidirectional I2C BUS Controlled Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5659 MITEL-SP5659 Datasheet
143Kb / 12P
2쨌7GHz I2C Bus Low Phase Noise Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
Bidirectional I2C Bus 4-Address Synthesiser
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
Bidirectional I2C Bus Controlled Synthesiser
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com