Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5055 Datasheet (PDF) - Mitel Networks Corporation

SP5055 Datasheet PDF - Mitel Networks Corporation
Part # SP5055
Download  SP5055 Download
File Size   197.7 Kbytes
Page   9 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 2.6GHz Bidirectional I2C BUS Controlled Synthesiser

SP5055 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP5055 Datasheet PDF - Mitel Networks Corporation

Part # SP5055
Download  SP5055 Click to download

File Size   197.7 Kbytes
Page   9 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 2.6GHz Bidirectional I2C BUS Controlled Synthesiser

SP5055 Datasheet (HTML) - Mitel Networks Corporation


SP5055 Product details

2.6GHz Bidirectional I2C BUS Controlled Synthesiser



The SP5055 is a single chip frequency synthesiser designed for TV tuning systems. Control data is entered in the standard I2C BUS format. The device contains 4 addressable current limited outputs and 4 addressable Bi-Directional open collector ports one of which is a 3 bit ADC. The information on these ports can be read via the I2C BUS. The device has one fixed I2C BUS address and 3 programmable addresses, programmed by applying a specific input voltage to one of the current limited outputs. This enables 2 or more synthesisers to be used in a system.



FEATURES

■ Complete 2.6GHz Single Chip System

■ Programmable via I2C BUS

■ Low power consumption (5V 65mA)

■ Low Radiation

■ Phase Lock Detector

■ Varactor Drive Amp Disable

■ 6 Controllable Outputs, 4 Bi-Directional

■ 5 Level ADC

■ Variable I2C BUS Address For Multi Tuner Applications

■ Full ESD Protection*



APPLICATIONS

■ Satellite TV

■ High IF Cable Tuning Systems




Similar Part No. - SP5055

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP505 SIPEX-SP505 Datasheet
673Kb / 35P
WAN Multi-Mode Serial Transceiver
SP505 SIPEX-SP505 Datasheet
132Kb / 18P
Evaluation Board Manual
SP505 SIPEX-SP505 Datasheet
495Kb / 35P
WAN Multi-Mode Serial Transceiver
logo
Exar Corporation
SP505 EXAR-SP505 Datasheet
1Mb / 35P
WAN Multi-Mode Serial Transceiver
logo
Mitel Networks Corporat...
SP5054 MITEL-SP5054 Datasheet
279Kb / 9P
2.6GHz 3-Wire BUS Controlled Synthesiser
More results


Similar Description - SP5055

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5054 MITEL-SP5054 Datasheet
279Kb / 9P
2.6GHz 3-Wire BUS Controlled Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5655 MITEL-SP5655 Datasheet
220Kb / 12P
2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
Bidirectional I2C Bus 4-Address Synthesiser
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
Bidirectional I2C Bus Controlled Synthesiser
SP5610 ZARLINK-SP5610 Datasheet
593Kb / 15P
1.3GHz BI-DIRECTIONAL I2C BUS CONTROLLED SYNTHESISER
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com