Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5055 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP5055
Description  2.6GHz Bidirectional I2C BUS Controlled Synthesiser
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5055 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP5055 Datasheet HTML 1Page - Mitel Networks Corporation SP5055 Datasheet HTML 2Page - Mitel Networks Corporation SP5055 Datasheet HTML 3Page - Mitel Networks Corporation SP5055 Datasheet HTML 4Page - Mitel Networks Corporation SP5055 Datasheet HTML 5Page - Mitel Networks Corporation SP5055 Datasheet HTML 6Page - Mitel Networks Corporation SP5055 Datasheet HTML 7Page - Mitel Networks Corporation SP5055 Datasheet HTML 8Page - Mitel Networks Corporation SP5055 Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
SP5055
ELECTRICAL CHARACTERISTICS
Tamb = -20°C to +80°C, VCC = +4.7V to 5.3V.
These Characteristics are guaranteed by either production test or design. They apply within the specified ambient
temperature and supply voltage unless otherwise stated. Reference frequency = 4MHz unless otherwise stated.
VCC = 5V
500MHz to 2.6GHz Sinewave
120MHz, see Fig. 5
Input voltage = VCC
Input voltage = 0V
When VCC = 0V
Isink = 3mA
Byte 4, bit 2 = 0, pin 1 = 2V
Byte 4, bit 2 = 1, pin 1 = 2V
Byte 4, bit 4 = 1, pin 1 = 2V
Vpin 16 = 0·7V
VOUT = 12V
VOUT = 13·2V
VOUT = 0.7V
VOUT = 13·2V
Vpin 10 = 13.2V
Vpin 10 = 0V
See Table 3 for ADC Levels
Supply current
Prescaler input voltage
Prescaler input voltage
Prescaler input impedance
Prescaler input capacitance
SDA, SCL
Input high voltage
Input low voltage
Input high current
Input low current
Leakage current
SDA
Output voltage
Charge pump current low
Charge pump current high
Charge pump output leakage current
Charge pump drive output current
Charge pump amplifier gain
Recommended crystal series resistance
Crystal oscillator drive level
Crystal oscillator negative resistance
Output Ports
P0, P3 sink current
P0, P3 leakage current
P4-P7 sink current
P4-P7 leakage current
Input Ports
P3 input current high
P3 input current low
P4,P5,P7 input voltage low
P4,P5,P7 input voltage high
P6 input current high
P6 input current low
12
13, 14
13, 14
13, 14
4, 5
4, 5
4, 5
4, 5
4, 5
4
1
1
1
16
2
2
10, 11
10, 11
9-6
9-6
10
10
9,8,6
9,8,6
7
7
Typ.
Value
Conditions
Characteristic
Pin
50
100
3
0
500
10
750
0.7
10
2.7
65
50
2
±50
±170
6400
80
1
80
300
300
5.5
1.5
10
-10
10
0.4
±5
200
1.5
10
10
+10
-10
0.8
+10
-10
Units
Min.
Max.
mA
mVRMS
mVRMS
Ω
pF
V
V
µA
µA
µA
V
µA
µA
nA
µA
Ω
mVp-p
Ω
mA
µA
mA
µA
µA
µA
V
V
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com