Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5659 Datasheet (PDF) - Mitel Networks Corporation

SP5659 Datasheet PDF - Mitel Networks Corporation
Part # SP5659
Download  SP5659 Download
File Size   143.89 Kbytes
Page   12 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 2쨌7GHz I2C Bus Low Phase Noise Synthesiser

SP5659 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP5659 Datasheet PDF - Mitel Networks Corporation

Part # SP5659
Download  SP5659 Click to download

File Size   143.89 Kbytes
Page   12 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 2쨌7GHz I2C Bus Low Phase Noise Synthesiser

SP5659 Datasheet (HTML) - Mitel Networks Corporation


SP5659 Product details

2·7GHz I2C Bus Low Phase Noise Synthesiser

The SP5659 is a single chip frequency synthesiser designed for tuning systems up to 2·7GHz.
The RF preamplifier drives a divide-by two prescaler which can be disabled for applications up to 2GHz, allowing direct interfacing with the programmable divider, resulting in a step size equal to the comparison frequency. For applications up to 2·7GHz the divide-by two is enabled to give a step size of twice the comparison frequency.

FEATURES
■ Complete 2·7GHz Single Chip System
■ Optimised for Low Phase Noise
■ Selectable 42 prescaler
■ Selectable Reference Division Ratio
■ Selectable Reference/Comparison Frequency Output
■ Selectable Charge Pump Current
■ Varactor Drive Amplifier Disable
■ 5-Level ADC
■ Variable I2C BUS Address for Multi-tuner Applications
■ ESD Protection: 4kV, Mil-Std-883C, Method 3015 (1)
■ Pin Compatible with SP5658

APPLICATIONS
■ Satellite TV
■ High IF Cable Tuning Systems




Similar Part No. - SP5659

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5654 ZARLINK-SP5654 Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654-KG-MPAD ZARLINK-SP5654-KG-MPAD Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654-KG-MPAS ZARLINK-SP5654-KG-MPAS Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654/KG ZARLINK-SP5654/KG Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654/KG/MPAD ZARLINK-SP5654/KG/MPAD Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
More results


Similar Description - SP5659

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
Frequency Synthesiser (I2C BUS Programmable)
SP5655 MITEL-SP5655 Datasheet
220Kb / 12P
2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
2.7GHz I2C Bus Controlled Synthesiser
SP5769 MITEL-SP5769 Datasheet
223Kb / 11P
3GHz I2C Bus Synthesiser
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
Very Low Phase Noise Synthesiser Divider
SP8852E MITEL-SP8852E Datasheet
174Kb / 13P
2쨌7GHz Parallel Load Professional Synthesiser
SP8854E MITEL-SP8854E Datasheet
176Kb / 13P
2쨌7GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
Bidirectional I2C Bus Controlled Synthesiser
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
Frequency Synthesiser (I2C BUS Programmable)
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com