Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5659 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP5659
Description  2쨌7GHz I2C Bus Low Phase Noise Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5659 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP5659 Datasheet HTML 1Page - Mitel Networks Corporation SP5659 Datasheet HTML 2Page - Mitel Networks Corporation SP5659 Datasheet HTML 3Page - Mitel Networks Corporation SP5659 Datasheet HTML 4Page - Mitel Networks Corporation SP5659 Datasheet HTML 5Page - Mitel Networks Corporation SP5659 Datasheet HTML 6Page - Mitel Networks Corporation SP5659 Datasheet HTML 7Page - Mitel Networks Corporation SP5659 Datasheet HTML 8Page - Mitel Networks Corporation SP5659 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
SP5659
ELECTRICAL CHARACTERISTICS
TAMB = 220°C to 180°C, VCC = 14·5V to 15·5V, reference frequency = 4MHz.
These Characteristics are guaranteed by either production test or design. They apply within the specified ambient temperature
and supply voltage ranges unless otherwise stated.
Supply current, ICC
RF input voltage
RF input impedance
RF input capacitance
SDA, SCL
Input high voltage
Input low voltage
Input high current
Input low current
Leakage current
Input hysteresis
SDA
Output voltage
Charge Pump
Output current
Output leakage current
Drive output current
Drive saturation voltage
External reference input frequency
External reference input amplitude
Crystal frequency
Crystal oscillator drive level
Recommended crystal series resistance
Crystal oscillator negative resistance
REF/COMP output voltage, enabled
Comparison frequency
Equivalent phase noise at phase detector
RF division ratio
Reference division ratio
P0, P1, P2, P3 sink current
P0, P1, P2, P3 leakage current
ADC input voltage
ADC input current
Address input current high
Address input current low
Typ.
Value
12
13,14
13,14
13,14
5, 6
5, 6
5, 6
5, 6
5, 6
5, 6
5
1
1
16
16
2
2
2
2
2
3
7,8,9,10
11
11
4
4
50
3
0
1
2
200
4
35
10
400
240
480
10
68
58
50
2
0·8
6
3
350
2
142
85
73
300
5·5
1·5
10
2
10
10
0·4
6
10
350
200
20
500
16
200
2
131071
262142
10
6
10
1
2
0·5
Min.
Max.
mA
mA
mVrms
mVrms
mVrms
Ω
pF
V
V
µA
µA
µA
V
V
nA
mA
mV
MHz
mVp-p
MHz
mVp-p
Ω
Ω
mVp-p
MHz
dBC/Hz
mA
µA
µA
mA
mA
VCC = 5V, PE = 1 (note 1)
VCC = 5V, PE = 0
300MHz to 2·7GHz, PE = 1
(prescaler enabled) see Fig. 4b
100MHz, PE = 1 (prescaler
enabled) see Fig. 4b
100MHz to 2·0GHz, PE = 0
(prescaler disabled) see Fig. 4b
See Fig. 10
See Fig. 10
Input voltage = VCC
Input voltage = VEE
VCC = VEE
Sink current = 3mA
Drive output disabled
AC coupled sinewave
AC coupled sinewave
Parallel resonant crystal (note 2)
Includes temperature and process
tolerances
AC coupled, RE = 1, see note 3
See note 4
Prescaler disabled, see Table 1
Prescaler enabled, see Table 1
See Table 1
VPORT = 0·7V
VPORT = 13·2V
See Fig. 3 Table 5
VCC >VINPUT >VEE
Input voltage = VCC
Input voltage = VEE
Characteristic
Pin
Units
Conditions
NOTES
1. Maximum power consumption is 468mW with VCC = 5·5V and all ports off.
2. Resistance specified is maximum under all conditions including start up.
3. If the REF/COMP output is not used, it should be left open circuit or connected to VCC and disabled by setting RE to logic 0.
4. 6kHz loop bandwidth, phase comparator frequency 250kHZ. Figure measured at 1kHz offset DSB (within loop bandwidth).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com