Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5769 Datasheet (PDF) - Mitel Networks Corporation

SP5769 Datasheet PDF - Mitel Networks Corporation
Part # SP5769
Download  SP5769 Download
File Size   223.71 Kbytes
Page   11 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 3GHz I2C Bus Synthesiser

SP5769 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP5769 Datasheet PDF - Mitel Networks Corporation

Part # SP5769
Download  SP5769 Click to download

File Size   223.71 Kbytes
Page   11 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 3GHz I2C Bus Synthesiser

SP5769 Datasheet (HTML) - Mitel Networks Corporation


SP5769 Product details

3GHz I2C Bus Synthesiser

The SP5769 is a single chip frequency synthesiser designed for tuning systems up to 3GHz. The RF preamplifier interfaces direct with the RF programmable divider, which is of MN1A construction so giving a step size equal to the loop comparison frequency and no prescaler phase noise degradation over the full RF operating range. The comparison frequency is obtained either from an on-chip crystal controlled oscillator, or from an external source.

Features
● Complete 3·0 GHz Single Chip System
● Optimised for Low Phase Noise, with Comparison Frequencies up to 4 MHz
● No RF Prescaler
● Selectable Reference Division Ratio
● Selectable Reference/Comparison Frequency Output
● Selectable Charge Pump Current with 10:1 Ratio
● Four Selectable I2C Addresses
● I2C Fast Mode Compliant with 3·3V and 5V Logic Levels
● Four Switching Ports
● Functional Replacement for SP5659 (except ADC)
● Pin Compatible with SP5655
● Power Consumption 110mW with VCC = 5·5V, all Ports off
● ESD Protection 2kV min., MIL-STD-883B Method 3015 Cat.1 (Normal ESD handling procedures should be observed)

Applications
● Digital Satellite and Cable Tuning Systems
● Communications Systems




Similar Part No. - SP5769

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5768 ZARLINK-SP5768 Datasheet
104Kb / 10P
3.0 GHz Low Phase Noise Frequency Synthesiser
SP5768KG ZARLINK-SP5768KG Datasheet
104Kb / 10P
3.0 GHz Low Phase Noise Frequency Synthesiser
SP5768MP1S ZARLINK-SP5768MP1S Datasheet
104Kb / 10P
3.0 GHz Low Phase Noise Frequency Synthesiser
SP5768MP1T ZARLINK-SP5768MP1T Datasheet
104Kb / 10P
3.0 GHz Low Phase Noise Frequency Synthesiser
More results


Similar Description - SP5769

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
Frequency Synthesiser (I2C BUS Programmable)
SP5502 MITEL-SP5502 Datasheet
250Kb / 8P
1.3GHz I2C BUS 4-Address Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
Bidirectional I2C Bus 4-Address Synthesiser
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
Bidirectional I2C Bus Controlled Synthesiser
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
Frequency Synthesiser (I2C BUS Programmable)
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com