Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJ88C33 Datasheet (PDF) - Mitel Networks Corporation

NJ88C33 Datasheet PDF - Mitel Networks Corporation
Part # NJ88C33
Download  NJ88C33 Download
File Size   155.04 Kbytes
Page   11 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Frequency Synthesiser (I2C BUS Programmable)

NJ88C33 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJ88C33 Datasheet PDF - Mitel Networks Corporation

Part # NJ88C33
Download  NJ88C33 Click to download

File Size   155.04 Kbytes
Page   11 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Frequency Synthesiser (I2C BUS Programmable)

NJ88C33 Datasheet (HTML) - Mitel Networks Corporation


NJ88C33 Product details

The NJ88C33 is a synthesiser circuit fabricated on Mitel Semiconductors 1.4 micron CMOS process, assuring very high performance. It is I2C compatible and can also be programmed at up to 5MHz. It contains a 16-bit R counter, a 12-bit N counter and a 7-bit A counter.
A digital phase comparator gives improved loop stability with current source outputs to reduce loop components. A voltage doubler is provided for the loop driver to improve control voltage range to the VCO when operating at low supply voltages.

FEATURES
■ Easy to Use
■ Low Power Consumption (15mW)
■ Single Supply 2.5V to 5.5V
■ Digital Phase Comparator with Current Source Outputs
■ Serial (I2C Compatible) Programming, 5MHz max
■ Channel Loading in 8µs
■ 150MHz Input Frequency Without Prescaler at 4.5V (52MHz at 2.7V)
■ Standby Modes
■ Use of Two-Modulus Prescaler is Possible

APPLICATIONS
■ Cordless Telephones (CT2, DECT)
■ Cellular Telephones (GSM, PCN, ETACS)
■ Hand Held Marine Radios
■ Sonarbuoys
■ Video Clock generators




Similar Part No. - NJ88C33

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
Frequency Synthesiser (I2C BUS Programmable)
NJ88C33MADP ZARLINK-NJ88C33MADP Datasheet
456Kb / 14P
Frequency Synthesiser (I2C BUS Programmable)
NJ88C33MAMP ZARLINK-NJ88C33MAMP Datasheet
456Kb / 14P
Frequency Synthesiser (I2C BUS Programmable)
More results


Similar Description - NJ88C33

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5502 MITEL-SP5502 Datasheet
250Kb / 8P
1.3GHz I2C BUS 4-Address Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
2.7GHz I2C Bus Controlled Synthesiser
SP5769 MITEL-SP5769 Datasheet
223Kb / 11P
3GHz I2C Bus Synthesiser
logo
Zarlink Semiconductor I...
SP5511 ZARLINK-SP5511 Datasheet
182Kb / 12P
Bidirectional I2C Bus 4-Address Synthesiser
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
Bidirectional I2C Bus Controlled Synthesiser
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
Frequency Synthesiser (I2C BUS Programmable)
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com