Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5669 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP5669
Description  2.7GHz I2C Bus Controlled Synthesiser
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5669 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP5669 Datasheet HTML 1Page - Mitel Networks Corporation SP5669 Datasheet HTML 2Page - Mitel Networks Corporation SP5669 Datasheet HTML 3Page - Mitel Networks Corporation SP5669 Datasheet HTML 4Page - Mitel Networks Corporation SP5669 Datasheet HTML 5Page - Mitel Networks Corporation SP5669 Datasheet HTML 6Page - Mitel Networks Corporation SP5669 Datasheet HTML 7Page - Mitel Networks Corporation SP5669 Datasheet HTML 8Page - Mitel Networks Corporation SP5669 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
SP5669
Figure. 1 Pin connections - top view
116
1
MP16
CHARGE PUMP
CRYSTAL
REF/COMP
ADDRESS
SDA
SCL
PORT P3
PORT P2
DRIVE
Vee
RF INPUT
RF INPUT
Vcc
ADC
PORT P0
PORT P1
2
3
4
5
6
7
89
10
11
12
13
14
15
RF
1 BIT
17 BIT LATCH
4 BIT
LATCH AND
PORT
INTERFACE
I
TRANSCEIVER
CRYSTAL
PUMP
DRIVE
ADDRESS
ADC
SDA
SCL
PORT P3
PORT P2
INPUTS
13
14
4
5
6
11
PROGRAMMABLE
DIVIDER
PUMP
REFERENCE
DIVIDER
PHASE
COMP
2 BIT
OSC
2
1
16
V
EE
15
12 V
CC
9
8
7
2/1
13 BIT
COUNT
4 BIT
COUNT
4 BIT
10
PORT P1 PORT P0
16/17
3 REF/COMP
3 BIT ADC
PE
5 BIT LATCH and
MODE CONTROL
LOGIC
(see Fig. 5)
CHARGE
LATCH
LATCH
LOCK
DETECT
LATCH
DIVIDE RATIO
PRE
AMP
FL
F
PD /2
P0 TEST
CONTROL
POWER ON
DETECT
POR
C
2
CHARGE
(see Fig. 3)
Fcomp
Fref
F
pd
Figure. 2 Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com