Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5658 Datasheet (PDF) - Mitel Networks Corporation

SP5658 Datasheet PDF - Mitel Networks Corporation
Part # SP5658
Download  SP5658 Download
File Size   281.72 Kbytes
Page   14 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 2.7GHz 3-Wire Bus Controlled Frequency Synthesiser

SP5658 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP5658 Datasheet PDF - Mitel Networks Corporation

Part # SP5658
Download  SP5658 Click to download

File Size   281.72 Kbytes
Page   14 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description 2.7GHz 3-Wire Bus Controlled Frequency Synthesiser

SP5658 Datasheet (HTML) - Mitel Networks Corporation


SP5658 Product details

The SP5658 is a single chip frequency synthesiser designed for tuning systems up to 2.7GHz.
The RF preamplifer contains a divide by two prescaler which can be disabled for applications up to 2GHz so enabling a step size equal to the comparison frequency up to 2GHz and twice the comparison frequency up to 2.7GHz.
   
FEATURES
■ Complete 2.7GHz single chip system
■ Optimised for low phase noise
■ Selectable divide by two prescaler
■ Selectable reference division ratio
■ Charge pump disable
■ Varactor line disable
■ ‘In–lock’ flag
■ Two switching ports in 14 pin version
■ Four switching ports in 16 pin version
■ Pin compatible with SP5659 I 2 C bus low
    phase noise synthesiserPP
■ ESD protection (Normal ESD handling procedures
    should be observed)
   
APPLICATIONS
■ SAT, TV, VCR and Cable tuning systems
■ Communications systems
   




Similar Part No. - SP5658

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP5654 ZARLINK-SP5654 Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654-KG-MPAD ZARLINK-SP5654-KG-MPAD Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654-KG-MPAS ZARLINK-SP5654-KG-MPAS Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654/KG ZARLINK-SP5654/KG Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
SP5654/KG/MPAD ZARLINK-SP5654/KG/MPAD Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
More results


Similar Description - SP5658

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
NJ88C33 MITEL-NJ88C33 Datasheet
155Kb / 11P
Frequency Synthesiser (I2C BUS Programmable)
SP5054 MITEL-SP5054 Datasheet
279Kb / 9P
2.6GHz 3-Wire BUS Controlled Synthesiser
SP5668 MITEL-SP5668 Datasheet
163Kb / 12P
2.7GHz 3-Wire Bus Controlled Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
Bidirectional I2C Bus Controlled Synthesiser
SP5654 ZARLINK-SP5654 Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
Frequency Synthesiser (I2C BUS Programmable)
SP5024 ZARLINK-SP5024 Datasheet
320Kb / 8P
3-Wire Bus Controlled Synthesiser
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
2.7GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
2.7GHz I2C Bus Controlled Synthesiser
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com