Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5658 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP5658
Description  2.7GHz 3-Wire Bus Controlled Frequency Synthesiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5658 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP5658 Datasheet HTML 1Page - Mitel Networks Corporation SP5658 Datasheet HTML 2Page - Mitel Networks Corporation SP5658 Datasheet HTML 3Page - Mitel Networks Corporation SP5658 Datasheet HTML 4Page - Mitel Networks Corporation SP5658 Datasheet HTML 5Page - Mitel Networks Corporation SP5658 Datasheet HTML 6Page - Mitel Networks Corporation SP5658 Datasheet HTML 7Page - Mitel Networks Corporation SP5658 Datasheet HTML 8Page - Mitel Networks Corporation SP5658 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
SP5658
ELECTRICAL CHARACTERISTICS
T amb = –20
°C to + 80°C, V
CC = + 4.5V to + 5.5V. Reference frequency = 4MHz. These characteristics are guaranteed by
either production test or design. They apply within the specified ambient temperature and supply voltage ranges unless otherwise
stated.
Value
Characteristics
Pin
Units
Conditions
(SP5658S)
Supply current, I
CC
12
59
74
mA
V
CC =5V Prescaler enabled, DE=1
52
65
mA
V
CC =5V Prescaler disabled, DE=0
RF input voltage
13, 14
40
300
mV
rms
300MHz to 2.7GHz Prescaler
enabled, DE=1, See Fig. 5b
13,14
100
300
mV
rms
80MHz Prescaler enabled,
DE=1, See Fig. 5b.
13, 14
40
300
mV
rms
100MHz to 2.0GHz Prescaler
disabled, DE=0, See Fig. 5a
13,14
50
300
mV
rms
80MHz Prescaler disabled,
DE=0, See Fig. 5a.
RF input impedance
13, 14
50
Ω
Refer to Fig. 4
RF input capacitance
13, 14
2
pF
Refer to Fig. 4
Data, Clock, Enable & Disable
3,4,5,6
Input high voltage
3
V
CC
V
Input low voltage
0
0.7
V
Input high current
10
µA
Input voltage = V
CC
Input low current
–10
µA
Input voltage = V
EE
Clock Rate
6
500
kHz
Clock data & enable input
4,5,6
0.4
V
hysteresis
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com