Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5658 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP5658
Description  2.7GHz 3-Wire Bus Controlled Frequency Synthesiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5658 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP5658 Datasheet HTML 1Page - Mitel Networks Corporation SP5658 Datasheet HTML 2Page - Mitel Networks Corporation SP5658 Datasheet HTML 3Page - Mitel Networks Corporation SP5658 Datasheet HTML 4Page - Mitel Networks Corporation SP5658 Datasheet HTML 5Page - Mitel Networks Corporation SP5658 Datasheet HTML 6Page - Mitel Networks Corporation SP5658 Datasheet HTML 7Page - Mitel Networks Corporation SP5658 Datasheet HTML 8Page - Mitel Networks Corporation SP5658 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
SP5658
RF
13 BIT
COUNT
4 BIT
COUNT
18 BIT LATCH
3 BIT LATCH
4 BIT
LATCH AND
PORT
INTERFACE
DATA
INTERFACE
CRYSTAL
PUMP
DRIVE
DISABLE
CLOCK
ENABLE
DATA
P2 P1/0C
CHARGE
INPUTS
13
14
3
4
5
6
DISABLE
PROGRAMMABLE
DIVIDER
CHARGE
PUMP
(R0,R1,R2)
1 BIT
LATCH
REFERENCE
DIVIDER
See Table 1
PHASE
COMP
1 BIT
LATCH
1 BIT
LATCH
FLOCK
OSC
2
1
16
OS
VEE
15
12 V
CC
11
10
7
CO
Fpd
Fcomp
- 2/1
89
P3
P0/OP
-16/17
LOCK
T0
DE
:
:
Fig. 2 SP5658S block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com