Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5730 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP5730
Description  1.3GHz Low Phase Noise Frequency Synthesiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5730 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP5730 Datasheet HTML 1Page - Mitel Networks Corporation SP5730 Datasheet HTML 2Page - Mitel Networks Corporation SP5730 Datasheet HTML 3Page - Mitel Networks Corporation SP5730 Datasheet HTML 4Page - Mitel Networks Corporation SP5730 Datasheet HTML 5Page - Mitel Networks Corporation SP5730 Datasheet HTML 6Page - Mitel Networks Corporation SP5730 Datasheet HTML 7Page - Mitel Networks Corporation SP5730 Datasheet HTML 8Page - Mitel Networks Corporation SP5730 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
SP5730
Preliminary Information
Figure 1 Block diagram
RF INPUT
8/9
3 BIT
COUNT
12 BIT
COUNT
Lock
fpd/2
15 BIT LATCH
PUMP
REF DIVIDER
2 BIT
5 BIT
2 BIT
2 BIT
c/p
mode
enable/select
RF/COMP
CRYSTAL
CRYSTAL CAP
CHARGE PUMP
DRIVE
disable
fpd/2 select
4 BIT LATCH & PORT
INTERFACE
PORT P3 PORT P2 PORT P1PORT P0
I C BUS
TRANSCEIVER
2
ADDRESS
SDA
SCL
Osc
MP16
116
VCCC
AGC
IOUT
VEEA
IFINB
IFIN
IVCCA
QOUT
VEEC
VCCB
VCODIS
VCO
B
VCO
A
VEEB
PSCAL
PSCALB
Figure 2 Pin connections top view
DRIVE
VEE
RF INPUT
RF INPUT
VCC
REF/COMP
ADDRESS
PORT P0
CHARGE PUMP
CRYSTAL CAP
CRYSTAL
SDA
SCL
PORT P3/LOGLEV
PORT P2
PORT P1
MP16 & QP16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com