Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJ88C50 Datasheet (PDF) - Mitel Networks Corporation

NJ88C50 Datasheet PDF - Mitel Networks Corporation
Part # NJ88C50
Download  NJ88C50 Download
File Size   209.13 Kbytes
Page   15 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Dual Low Power Frequency Synthesiser

NJ88C50 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJ88C50 Datasheet PDF - Mitel Networks Corporation

Part # NJ88C50
Download  NJ88C50 Click to download

File Size   209.13 Kbytes
Page   15 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Dual Low Power Frequency Synthesiser

NJ88C50 Datasheet (HTML) - Mitel Networks Corporation


NJ88C50 Product details

Dual Low Power Frequency Synthesiser

The NJ88C50 is a low power integrated circuit, designed as the heart of a fast locking PLL subsystem in a mobile radio application. It is manufactured on Mitel Semiconductor 1.4 micron double polysilicon CMOS process, which ensures that low power and low noise performance is achieved. The device contains two synthesisers, one for the generation of VHF signals up to 125MHz and a second for UHF (when used with a mulitmodulus prescaler such as the SP8713/14/15). The main synthesiser has the capability of driving a dual speed loop filter and also can perform Fractional-N interpolation. Both synthesisers use current source outputs from their phase detectors to minimise external components. Various sections may be powered down for battery economy.

FEATURES
■ 30MHz main synthesiser
■ 125MHz auxiliary synthesiser
■ Programmable output current from phase detector - up to 10mA
■ High input sensitivity
■ Fractional-N interpolator
■ Supports up to 4 modulus prescalers
■ SSOP package

APPLICATIONS
■ NMT, AMPS, ETACS cellular
■ GSM, IS-54, RCR-27 cellular
■ DCS1800 microcellular
■ DLMR, DSRR, TETRA
■ DECT, PHP cordless telephones




Similar Part No. - NJ88C50

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NJ88C50 ZARLINK-NJ88C50 Datasheet
523Kb / 17P
Dual Low Power Frequency Synthesiser
NJ88C50/MA/NP ZARLINK-NJ88C50/MA/NP Datasheet
523Kb / 17P
Dual Low Power Frequency Synthesiser
NJ88C50MA ZARLINK-NJ88C50MA Datasheet
523Kb / 17P
Dual Low Power Frequency Synthesiser
NJ88C50NP ZARLINK-NJ88C50NP Datasheet
523Kb / 17P
Dual Low Power Frequency Synthesiser
More results


Similar Description - NJ88C50

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5730 MITEL-SP5730 Datasheet
372Kb / 14P
1.3GHz Low Phase Noise Frequency Synthesiser
SP8861 MITEL-SP8861 Datasheet
200Kb / 13P
1쨌3GHz Low Power Single-Chip Frequency Synthesiser
WL800 MITEL-WL800 Datasheet
150Kb / 11P
2.5GHz Frequency Synthesiser
logo
Zarlink Semiconductor I...
SP5730 ZARLINK-SP5730 Datasheet
380Kb / 12P
1.3 GHz Low Phase Noise Frequency Synthesiser
NJ8820 ZARLINK-NJ8820 Datasheet
493Kb / 11P
FREQUENCY SYNTHESISER (PROM INTERFACE)
SP5768 ZARLINK-SP5768 Datasheet
104Kb / 10P
3.0 GHz Low Phase Noise Frequency Synthesiser
NJ88C33 ZARLINK-NJ88C33 Datasheet
456Kb / 14P
Frequency Synthesiser (I2C BUS Programmable)
NJ88C50 ZARLINK-NJ88C50 Datasheet
523Kb / 17P
Dual Low Power Frequency Synthesiser
SP8861 ZARLINK-SP8861 Datasheet
282Kb / 15P
1쨌3GHz Low Power Single-Chip Frequency Synthesiser
WL800 ZARLINK-WL800 Datasheet
573Kb / 12P
2.5GHz Frequency Synthesiser
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com